Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800V Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800V
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800V Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button NSC800V Datasheet HTML 28Page - National Semiconductor (TI) NSC800V Datasheet HTML 29Page - National Semiconductor (TI) NSC800V Datasheet HTML 30Page - National Semiconductor (TI) NSC800V Datasheet HTML 31Page - National Semiconductor (TI) NSC800V Datasheet HTML 32Page - National Semiconductor (TI) NSC800V Datasheet HTML 33Page - National Semiconductor (TI) NSC800V Datasheet HTML 34Page - National Semiconductor (TI) NSC800V Datasheet HTML 35Page - National Semiconductor (TI) NSC800V Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
124 8-Bit Loads
REGISTER TO REGISTER
LD
rd rs
Load register rd with rs
rd
w rs
No flags affected
7
6
543
2
1
0
01
rd
rs
Timing
M cycles
1
T states
4
Addressing Mode
Register
LD
A I
Load Accumulator with the contents of the I register
A
w I
S Set if negative result
Z Set if zero result
H Reset
PV Set according to IFF2 (zero if
interrupt occurs during opera-
tion)
N Reset
C Not affected
76543210
11101101
01010111
Timing
M cycles
2
T states
9 (4 5)
Addressing Mode
Register
LD
I A
Load Interrupt vector register (I) with the contents of A
I
w A
No flags affected
76543210
11101101
01000111
Timing
M cycles
2
T states
9 (4 5)
Addressing Mode
Register
LD
A R
Load Accumulator with contents of R register
A
w R
S Set if negative result
Z Set if zero result
H Reset
PV Set according to IFF2 (zero if
interrupt occurs during opera-
tion)
N Reset
C Not affected
76543210
11101101
01011111
Timing
M cycles
2
T states
9 (4 5)
Addressing Mode
Register
LD
R A
Load Refresh register (R) with contents of the Accumulator
R
w A
No flags affected
76543210
11101101
01001111
Timing
M cycles
2
T states
9 (4 5)
Addressing Mode
Register
LD
r n
Load register r with immediate data n
r
w n
No flags affected
76543210
00
r
110
n
Timing
M cycles
2
T states
7 (4 3)
Addressing Mode
Source
Immediate
Destination
Register
REGISTER TO MEMORY
LD
m1 r
Load memory from reigster r
m1
w r
No flags affected
76543210
01110
r
LD (HL) r
Timing
M cycles
2
T states
7 (43)
Addressing Mode
Source
Register
Destination
Register Indirect
76
5
43210
LD (IXad) r(for NXe0)
11NX 11101
LD (IYad) r(for NXe1)
0
111
0
r
d
Timing
M cycles
2
T states
19 (4 4 3 5 3)
Addressing Mode
Source
Register
Destination
Indexed
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com