Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800V Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800V
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800V Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button NSC800V Datasheet HTML 29Page - National Semiconductor (TI) NSC800V Datasheet HTML 30Page - National Semiconductor (TI) NSC800V Datasheet HTML 31Page - National Semiconductor (TI) NSC800V Datasheet HTML 32Page - National Semiconductor (TI) NSC800V Datasheet HTML 33Page - National Semiconductor (TI) NSC800V Datasheet HTML 34Page - National Semiconductor (TI) NSC800V Datasheet HTML 35Page - National Semiconductor (TI) NSC800V Datasheet HTML 36Page - National Semiconductor (TI) NSC800V Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
124 8-Bit Loads (Continued)
LD
m2 A
Load memory from the Accumulator
m2
w A
No flags affected
76543210
00000010
LD (BC) A
00010010
LD (DE) A
Timing
M cycles
2
T states
7 (4 3)
Addressing Mode
Source
Register (Implied)
Destination
Register Indirect
76543210
00110010
LD (nn) A
n (low-order byte)
n (high-order byte)
Timing
M cycles
4
T states
3 (4 3 3 3)
Addressing Mode
Source
Register (Implied)
Destination
Direct
LD
m1 n
Load memory with immediate data
m1
w n
No flags affected
76543210
00110110
LD(HL) n
n
Timing
M cycles3
T states10 (4 3 3)
Addressing Mode
SourceImmediate
DestinationRegister Indirect
76
5
4
3210
LD (IX a d) n(for NX e 0)
11NX 11101
LD (IY a d) n(for NX e 1)
00
1
1
0110
d
n
Timing
M cycles5
T states19 (4 4 3 5 3)
Addressing Mode
SourceImmediate
DestinationIndexed
MEMORY TO REGISTER
LD
r m1
Load register r from memory location m1
r
w m1
No flags affected
76543210
0
1
r
1
1
0
LD R (HL)
Timing
M cycles2
T states7 (4 3)
Addressing Mode
SourceRegister Indirect
DestinationRegister
76
5
43210
LD r (IX a d) (for NXe0)
11NX 11101
LD r (IY a d) (for NXe1)
01
r
110
d
Timing
M cycles5
T states19 (4 4 3 5 3)
Addressing Mode
SourceIndexed
DestinationRegister
LD
A m2
Load the Accumulator from memory location m2
A
w m2
No flags affected
76543210
LD A (BC)
00001010
00011010
LD A (DE)
Timing
M cycles2
T states7 (4 3)
Addressing Mode
SourceRegister Indirect
DestinationRegister (Implied)
76543210
00111010
LD A (nn)
n (low-order byte)
n (high-order byte)
Timing
M cycles4
T states13 (4 3 3 3)
Addressing Mode
SourceImmediate Extended
DestinationRegister (Implied)
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com