Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800V Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800V
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800V Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button NSC800V Datasheet HTML 32Page - National Semiconductor (TI) NSC800V Datasheet HTML 33Page - National Semiconductor (TI) NSC800V Datasheet HTML 34Page - National Semiconductor (TI) NSC800V Datasheet HTML 35Page - National Semiconductor (TI) NSC800V Datasheet HTML 36Page - National Semiconductor (TI) NSC800V Datasheet HTML 37Page - National Semiconductor (TI) NSC800V Datasheet HTML 38Page - National Semiconductor (TI) NSC800V Datasheet HTML 39Page - National Semiconductor (TI) NSC800V Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
126 8-Bit Arithmetic
REGISTER ADDRESSING ARITHMETIC
Hex
Hex
C
Value
H
Value
Number
C
Op
Before
In
Before
In
Added
After
DAA
Upper
DAA
Lower
To
DAA
Digit
Digit
Byte
(Bits 7-4)
(Bits 3-0)
0
0-9
0
0-9
00
0
0
0-8
0
A-F
06
0
0
0-9
1
0-3
06
0
ADD
0
A-F
0
0-9
60
1
ADC
0
9-F
0
A-F
66
1
INC
0
A-F
1
0-3
66
1
1
0-2
0
0-9
60
1
1
0-2
0
A-F
66
1
1
0-3
1
0-3
66
1
SUB
0
0-9
0
0-9
00
0
SBC
0
0-8
1
6-F
FA
0
DEC
1
7-F
0
0-9
A0
1
NEG
1
6-F
1
6-F
9A
1
ADD
A r
Add contents of register r to the
Accumulator
A
w Aar
S Set if negative result
Z Set if zero result
H Set if carry from bit 3
PV Set according to overflow
condition
N Reset
C Set if carry from bit 7
76543210
10000
r
Timing
M cycles1
T states4
Addressing Mode
SourceRegister
DestinationImplied
ADC
A r
Add contents of register r plus the carry flag to the Accu-
mulator
A
w A a r a CY
S Set if negative result
Z Set if zero result
H Set if carry from bit 3
PV Set if result exceeds 2’s com-
plement range
N Reset
C Set if carry from bit 7
76543210
10001
r
Timing
M cycles1
T states4
Addressing Mode
SourceRegister
DestinationImplied
SUB
r
Subtract the contents of register r from the Accumulator
A
w A b r
S Set if result is negative
Z Set if result is zero
H Set if borrow from bit 4
PV Set if result exceeds 8-bit 2’s
complement range
N Set
C Set according to borrow
76543210
10010
r
Timing
M cycles1
T states4
Addressing Mode
SourceRegister
DestinationImplied
SBC
A r
Subtract contents of register r and the carry bit C from the
Accumulator
A
w A b r b CY
S Set if result is negative
Z Set if result is zero
H Set if borrow from bit 4
PV Set if result exceeds 8-bit 2’s
complement range
N Set
C Set according to borrow
76543210
10011
r
Timing
M cycles1
T states4
Addressing Mode
SourceRegister
DestinationImplied
AND
r
Logically AND the contents of the r register and the Accu-
mulator
A
w A
r
S Set if result is negative
Z Set if result is zero
H Set
PV Set if result parity is even
N Reset
C Reset
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com