Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800V Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800V
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800V Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button NSC800V Datasheet HTML 39Page - National Semiconductor (TI) NSC800V Datasheet HTML 40Page - National Semiconductor (TI) NSC800V Datasheet HTML 41Page - National Semiconductor (TI) NSC800V Datasheet HTML 42Page - National Semiconductor (TI) NSC800V Datasheet HTML 43Page - National Semiconductor (TI) NSC800V Datasheet HTML 44Page - National Semiconductor (TI) NSC800V Datasheet HTML 45Page - National Semiconductor (TI) NSC800V Datasheet HTML 46Page - National Semiconductor (TI) NSC800V Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
126 8-Bit Arithmetic (Continued)
76543210
0
0
1
1
0
1
0
1
DEC (HL)
Timing
M cycles
3
T states
11 (4 4 3)
Addressing Mode
Source
Register Indexed
Destination
Register
In-
dexed
76
5
43210
DEC (IX a d) (for NX e 0)
11NX 11101
DEC (IY a d) (for NX e 1)
00
1
10101
d
Timing
M cycles
6
T states
23 (4 4 3 5 4 3)
Addressing Mode
Source
Indexed
Destination
Indexed
127 16-Bit Arithmetic
ADD
ss pp
Add the contents of the 16-bit register rp or pp to the con-
tents of the 16-bit register ss
ss
w ss a rp
S NA
or
Z NA
ss
w ss a pp
H Set if carry from bit 11
PV NA
N Reset
C Set if carry from bit 15
76543210
0
0
rp
1
0
0
1
ADD HL rp
Timing
M cycles
3
T states
11 (4 4 3)
Addressing Mode
Source
Register
Destination
Register
76
5
4
3210
ADD IX pp (for NX e 0)
11NX 11101
ADD IY pp (for NX e 1)
00
pp
1001
Timing
M cycles
4
T states
15 (4 4 4 3)
Addressing Mode
Source
Register
Destination
Register
ADC
HL pp
The contents of the 16-bit register pp are added with the
carry bit to the HL register
HL
w HL a pp a CY
S Set if result is negative
Z Set if result is zero
H Set according to carry out of bit
11
PV Set if result exceeds 16-bit 2’s
complement range
N Reset
C Set if carry out of bit 15
76543210
11101101
01
pp
1010
Timing
M cycles
4
T states
15 (4 4 4 3)
Addressing Mode
Source
Register
Destination
Register
SBC
HL pp
Subtract with carry the contents of the 16-bit pp register
from the 16-bit HL register
HL
w HL b pp b CY
S Set if result is negative
Z Set if result is zero
H Set according to borrow from
bit 12
PV Set if result exceeds 16-bit 2’s
complement range
N Set
C Set according to borrow condi-
tion
76543210
11101101
01
pp
0010
Timing
M cycles
4
T states
15 (4 4 4 3)
Addressing Mode
Source
Register
Destination
Register
INC
rr
Increment the contents of the 16-bit register rr
rr
w rr a 1
No flags affected
76543210
INC BC
00
rp
0011
INC DE
INC HL
INC SP
Timing
M cycles
1
T states
6
Addressing Mode
Register
76
5
4
3210
INC IX (for NXe0)
11NX 11101
INC IY (for NXe1)
00
1
0
0011
Timing
M cycles
2
T states
10 (4 6)
Addressing Mode
Register
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com