Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800V Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800V
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800V Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button NSC800V Datasheet HTML 18Page - National Semiconductor (TI) NSC800V Datasheet HTML 19Page - National Semiconductor (TI) NSC800V Datasheet HTML 20Page - National Semiconductor (TI) NSC800V Datasheet HTML 21Page - National Semiconductor (TI) NSC800V Datasheet HTML 22Page - National Semiconductor (TI) NSC800V Datasheet HTML 23Page - National Semiconductor (TI) NSC800V Datasheet HTML 24Page - National Semiconductor (TI) NSC800V Datasheet HTML 25Page - National Semiconductor (TI) NSC800V Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
90 Timing and Control (Continued)
A reset to the CPU will force both IFF1 and IFF2 to the reset
state disabling maskable interrupts They can be enabled by
an EI instruction at any time by the programmer When an EI
instruction is executed any pending interrupt requests will
not be accepted until after the instruction following EI has
been executed This single instruction delay is necessary in
situations where the following instruction is a return instruc-
tion and interrupts must not be allowed until the return has
been completed The EI instruction sets both IFF1 and IFF2
to the enable state When the CPU accepts an interrupt
both IFF1 and IFF2 are automatically reset inhibiting further
interrupts until the programmer wishes to issue a new EI
instruction Note that for all the previous cases IFF1 and
IFF2 are always equal
The function of IFF2 is to retain the status of IFF1 when a
non-maskable interrupt occurs When a non-maskable inter-
rupt is accepted IFF1 is reset to prevent further interrupts
until reenabled by the programmer Thus after a non-mask-
able interrupt has been accepted maskable interrupts are
disabled but the previous state of IFF1 is saved by IFF2
TLC5171 – 27
FIGURE 17 Interrupt Mode 2
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com