Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800V Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800V
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800V Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button NSC800V Datasheet HTML 47Page - National Semiconductor (TI) NSC800V Datasheet HTML 48Page - National Semiconductor (TI) NSC800V Datasheet HTML 49Page - National Semiconductor (TI) NSC800V Datasheet HTML 50Page - National Semiconductor (TI) NSC800V Datasheet HTML 51Page - National Semiconductor (TI) NSC800V Datasheet HTML 52Page - National Semiconductor (TI) NSC800V Datasheet HTML 53Page - National Semiconductor (TI) NSC800V Datasheet HTML 54Page - National Semiconductor (TI) NSC800V Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 76 page
background image
1211 Memory Block Moves and Searches (Continued)
76543210
11101101
10101001
Timing
M cycles
4
T states
16 (4 4 3 5)
Addressing Mode
Register Indirect
REPEAT OPERATIONS
LDIR
Move data from memory location (HL) to memory location
(DE) increment memory pointers decrement byte counter
BC and repeat until BC e 0
(DE)
w (HL)
S NA
DE
w DE a 1
Z NA
HL
w HL a 1
H Reset
BC
w BC b 1
PV Reset
Repeat until
N Reset
BC e 0
C NA
76543210
11101101
10110000
Timing
For BC i 0 M cycles
5
T states
21 (4 4 3 5 5)
For BCe0 M cycles
4
T states
16 (4 4 3 5)
Addressing Mode
Register Indirect
(Note that each repeat is accomplished by a decrement of
the BC so that refresh etc continues for each cycle)
LDDR
Move data from memory location (HL) to memory location
(DE) decrement memory pointers and byte counter BC and
repeat until BC e 0
(DE)
w (HL)
S NA
DE
w DE b 1
Z NA
HL
w HL b 1
H Reset
BC
w BC b 1
PV Reset
Repeat until
N Reset
BC e 0
C NA
76543210
11101101
10111000
Timing
For BC i 0 M cycles
5
T states
21 (4 4 3 5 5)
For BCe0 M cycles
4
T states
16 (4 4 3 5)
Addressing Mode
Register Indirect
(Note that each repeat is accomplished by a decrement of
the BC so that refresh etc continues for each cycle)
CPIR
Compare data in memory location (HL) to the Accumulator
increment the memory decrement the byte counter BC and
repeat until BC e 0 or (HL) equals A
A b (HL)
S Set if sign of subtraction per-
formed for comparison is nega-
HL
w HL a 1
tive
BC
w BC b 1
Z Set if A e (HL) otherwise reset
Repeat until BC e 0
H Set according to borrow from
or A e (HL)
bit 4
PV Set if BC b 1 i 0 otherwise
reset
N Set
C NA
76543210
11101101
10110001
Timing
For BC i 0
M cycles
5
T states
21 (4 4 3 5 5)
For BC e 0
M cycles
4
T states
16 (4 4 3 5)
Addressing Mode
Register Indirect
(Note that each repeat is accomplished by a decrement of
the PC so that refresh etc continues for each cycle)
CPDR
Compare data in memory location (HL) to the contents of
the Accumulator decrement the memory pointer and byte
counter BC and repeat until BC e 0 or until (HL) equals
the Accumulator
A b (HL)
S Set if sign of subtraction per-
formed for comparison is nega-
HL
w HL b 1
tive
BC
w BC b 1
Z Set according to equality of A
Repeat until BC e 0
and (HL) set if true
or A e (HL)
H Set according to borrow from
bit 4
PV Set if BC b 1 i 0 otherwise
reset
N Set
C NA
76543210
11101101
10111001
Timing
For BC i 0
M cycles
5
T states
21 (4 4 3 5 5)
For BC e 0
M cycles
4
T states
16 (4 4 3 5)
Addressing Mode
Register Indirect
(Note that each repeat is accomplished by a decrement of
the BC so that refresh etc continues for each cycle)
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com