Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800V Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800V
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800V Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button NSC800V Datasheet HTML 41Page - National Semiconductor (TI) NSC800V Datasheet HTML 42Page - National Semiconductor (TI) NSC800V Datasheet HTML 43Page - National Semiconductor (TI) NSC800V Datasheet HTML 44Page - National Semiconductor (TI) NSC800V Datasheet HTML 45Page - National Semiconductor (TI) NSC800V Datasheet HTML 46Page - National Semiconductor (TI) NSC800V Datasheet HTML 47Page - National Semiconductor (TI) NSC800V Datasheet HTML 48Page - National Semiconductor (TI) NSC800V Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
128 Bit Set Reset and Test (Continued)
BIT
B m1
Bit b in memory location m1 is tested via the Z flag
Z
w m1b
S Undefined
Z Inverse of tested bit
H Set
PV Undefined
N Reset
C NA
76543210
1
1
0
0
1
0
1
1
BIT b (HL)
01
b
1
10
Timing
M cycles
3
T states
12 (4 4 4)
Addressing Mode
BitRegister Indirect
76
5
4
3210
BIT b (IXad) (for NXe0)
11NX 11101
BIT b (IYad) (for NXe1)
11
0
0
1011
d
01
b
110
Timing
M cycles
5
T states
20 (4 4 3 5 4)
Addressing Mode
BitIndexed
129 Rotate and Shift
REGISTER
RLC
r
Rotate register r left circular
TLC5171 – 57
S Set if result is negative
Z Set if result is zero
H Reset
PV Set if result parity is even
N Reset
C Set according to bit 7 of r
76543210
11001011
RLC r
0
0
0
0
0
r
(Note alternate for
A register below)
Timing
M cycles
2
T states
8 (4 4)
Addressing Mode
Register
76543210
0
0
0
0
0
1
1
1
RLCA
Timing
M cycles
1
T states
4
Addressing Mode
Implied
(Note RLCA does not affect S Z or PV flags)
RL
r
Rotate register r left through carry
TLC5171 – 58
S Set if result is negative
Z Set if result is zero
H Reset
PV Set if result parity is even
N Reset
C Set according to bit 7 of r
76543210
11001011
RL r
00010
r
(Note alternate for
A register below)
Timing
M cycles
2
T states
8 (4 4)
Addressing Mode
Register
76543210
00010111
RLA
Timing
M cycles
1
T states
4
Addressing Mode
Implied
(Note RLA does not affect S Z or PV flags)
RRC
r
Rotate register r right circular
TLC5171 – 59
S Set if result is negative
Z Set if result is zero
H Reset
PV Set if result parity is even
N Reset
C Set according to bit 0 of r
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com