Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7705TR
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7705TR Datasheet HTML 15Page - STMicroelectronics TDA7705TR Datasheet HTML 16Page - STMicroelectronics TDA7705TR Datasheet HTML 17Page - STMicroelectronics TDA7705TR Datasheet HTML 18Page - STMicroelectronics TDA7705TR Datasheet HTML 19Page - STMicroelectronics TDA7705TR Datasheet HTML 20Page - STMicroelectronics TDA7705TR Datasheet HTML 21Page - STMicroelectronics TDA7705TR Datasheet HTML 22Page - STMicroelectronics TDA7705TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
TDA7705
Electrical specifications
Doc ID 15938 Rev 9
19/42
3.4.3
VCO
3.4.4
Phase locked loop
3.4.5
Tuning DAC
3.4.6
IF ADC
Table 9.
VCO
Symbol
Parameter
Test condition
Min
Typ
Max
Units
FVCO
Frequency range VCO
-
1100
1550
MHz
PN
Phase noise of LO
Locked VCO;
values referred @ 100MHz
@ 100 Hz
@ 1 kHz
@ 10 kHz
-
-100
-115
-115
-dBc/Hz
dev
Deviation error (rms)
FM reception, deemphasis
50µs, faudio = 20 Hz...20 kHz
-5
-
Hz
Table 10.
Phase locked loop
Symbol
Parameter
Test condition
Min
Typ
Max
Units
Tsettle
Settling time FM
f < 10 kHz
-
300
-
µs
FM step
FM frequency step
-
-
5
-
kHz
AM step
AM frequency step
-
-
500
-
Hz
Table 11.
Tuning DAC
Symbol
Parameter
Test condition
Min
Typ
Max
Units
Res
Resolution
8 bit
-
18
-
mV
Voutmin
Min output voltage
-
-
0.6
0.7
V
Voutmax
Max ouput voltage
-
VCC-0.2
VCC-0.1
-
V
Rout
Output impdedance
-
1.5
2.5
3.5
k
DNL
Diff. Non linearity
-
-
-
0.5
LSB
Tconv
Conversion time
-
-
20
-
µs
Table 12.
IF ADC
Symbol
Parameter
Test condition
Min
Typ
Max
Units
DRFM
Dynamic range in FM
BW = ±200 kHz
-
90
-
dB
VN,in FM
Input noise referred to mixer input
mixer 1
mixer 2
-
1.1
0.7
1.9
1.2
nV/
Hz
DRAM
Dynamic range in AM
BW = ±4 kHz
-
103
-
dB
VN,in AM
Input noise referred to mixer input
-
-
6.9
12
nV/
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com