Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA7705TR
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA7705TR Datasheet HTML 25Page - STMicroelectronics TDA7705TR Datasheet HTML 26Page - STMicroelectronics TDA7705TR Datasheet HTML 27Page - STMicroelectronics TDA7705TR Datasheet HTML 28Page - STMicroelectronics TDA7705TR Datasheet HTML 29Page - STMicroelectronics TDA7705TR Datasheet HTML 30Page - STMicroelectronics TDA7705TR Datasheet HTML 31Page - STMicroelectronics TDA7705TR Datasheet HTML 32Page - STMicroelectronics TDA7705TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
TDA7705
Electrical specifications
Doc ID 15938 Rev 9
29/42
3.5.5
WX overall system performance
Antenna level equivalence: 0 dBµV = 1 µVrms (Antenna terminal voltage with 50 source).
Figure 14.
WX input set-up
Input level referred to signal generator loaded with 50
 (V
rf, node 'A'); no antenna dummy;
AM input not connected. Frf =162.475 MHz, Vrf = 60 dBµV, mono modulation, fdev = 3 kHz,
faudio =400 Hz. De-emphasis = 75 µs. Application: WX using mixer input 2, in conjunction
with FM narrow-band. Unless otherwise specified.
Table 21.
WX overall system performance
Parameter
Test condition
Min
Typ
Max
Units
Sensitivity
S/N = 26 dB
-
-7
-
dBµV
Ultimate S/N
@ 60 dBµV
-
81
-
dB
Distortion
Deviation= 4.5 kHz
-
0.8
-
%
Max deviation
THD = 3 %
-
> 5 kHz
-
kHz
Adjacent channel Selectivity
F= 25 kHz, SINAD = 30 dB
desired 40 dBµV,
dev =2.0 kHz, 400 Hz
undesired. dev= 3 kHz, 1 kHz
-70
-
dB
Alternate Channel Selectivity
F=50kHz, SINAD=30dB
desired 40 dBµV,
dev=2.0kHz, 400Hz
undesired. dev=2.0kHz, 1kHz
-70
-
dB
Vrf + 6dB
PCB
UNDER
TEST
50
Ω
Vrf + 6dB
Vrf
50
Ω
50
Ω
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com