Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7705TR
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7705TR Datasheet HTML 23Page - STMicroelectronics TDA7705TR Datasheet HTML 24Page - STMicroelectronics TDA7705TR Datasheet HTML 25Page - STMicroelectronics TDA7705TR Datasheet HTML 26Page - STMicroelectronics TDA7705TR Datasheet HTML 27Page - STMicroelectronics TDA7705TR Datasheet HTML 28Page - STMicroelectronics TDA7705TR Datasheet HTML 29Page - STMicroelectronics TDA7705TR Datasheet HTML 30Page - STMicroelectronics TDA7705TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
TDA7705
Electrical specifications
Doc ID 15938 Rev 9
27/42
3.5.3
AM LW overall system performance
Antenna level equivalence: 0 dBµV = 1 µVrms
Figure 12.
AM LW input set-up
Level referred to SG output before antenna dummy (Vrf, node 'A'); capacitive dummy
15pF+68pF; FM input not connected. Frf = 216 kHz, Vrf =74 dBµV, mod = 30 %,
faudio = 400 Hz, unless otherwise specified.
Table 19.
AM LW overall system performance
Parameter
Test condition
Min
Typ
Max
Units
Tuning range LW
(can be modified by the user)
144
-
288
kHz
Tuning step LW
(can be modified by the user)
-
1
-
kHz
Sensitivity
S/N =20 dB
-
30
33
dBµV
Ultimate S/N
@ 80 dBµV
63
66
-
dB
AGC F.O.M.
Ref.=74 dBµV
-10dB drop point
50
62
65
dB
Distortion
m = 80 %
-
0.1
-
%
Image rejection
-
-
80
-
dB
PCB
UNDER
TEST
30
Ω
Vrf + 6dB
Vrf
50
Ω
50
Ω
15pF
68pF
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com