Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7705TR
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7705TR Datasheet HTML 22Page - STMicroelectronics TDA7705TR Datasheet HTML 23Page - STMicroelectronics TDA7705TR Datasheet HTML 24Page - STMicroelectronics TDA7705TR Datasheet HTML 25Page - STMicroelectronics TDA7705TR Datasheet HTML 26Page - STMicroelectronics TDA7705TR Datasheet HTML 27Page - STMicroelectronics TDA7705TR Datasheet HTML 28Page - STMicroelectronics TDA7705TR Datasheet HTML 29Page - STMicroelectronics TDA7705TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Electrical specifications
TDA7705
26/42
Doc ID 15938 Rev 9
Strong signal interferer
SNR
F= ±40 kHz
desired = 40 dBµV
undesired = 100 dBµV,
m= 30%, 1 kHz
-15
-
dB
F=±400kHz
desired=40 dBµV
undesired=100 dBµV,
m=30%, 1kHz
17
-
-
dB
Strong signal interferer
suppression
F=±40 kHz
desired=40 dBµV
undesired=110 dBµV,
m=30%, 1 kHz
-4
-
dB
F=±400kHz
desired=40 dBµV
undesired=110 dBµV,
m=30%, 1kHz
-4
-
dB
Strong signal interferer
cross-modulation
F=±40kHz
desired=80 dBµV
undesired=100 dBµV,
m=30%, 1kHz
-
-
10
dB
F=±400kHz
desired=80 dBµV
undesired=100 dBµV,
m=30%, 1kHz
-
-
10
dB
Image rejection
-
-
80
-
dB
Logarithmic field strength
indicator
@60 dBµV
read “AM_Smeter_log”
0.50
(equiv.
to 57
dBµV)
0.47
0.43
(equiv.
to 63
dBµV)
-
Table 18.
AM MW overall system performance (continued)
Parameter
Test condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com