Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705TR Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7705TR
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705TR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7705TR Datasheet HTML 27Page - STMicroelectronics TDA7705TR Datasheet HTML 28Page - STMicroelectronics TDA7705TR Datasheet HTML 29Page - STMicroelectronics TDA7705TR Datasheet HTML 30Page - STMicroelectronics TDA7705TR Datasheet HTML 31Page - STMicroelectronics TDA7705TR Datasheet HTML 32Page - STMicroelectronics TDA7705TR Datasheet HTML 33Page - STMicroelectronics TDA7705TR Datasheet HTML 34Page - STMicroelectronics TDA7705TR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
TDA7705
Front-end processing
Doc ID 15938 Rev 9
31/42
Table 23.
Register 0x01
Register number
Register definition
MSB
LSB
23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
FM mixer input selector
0
1
1
0
input #1
1
0
0
1
input #2
FM mixer gain
0high
1low
FM AGC time constant
0
normal
1
fast
FM AGC output mode
00
normal
01
constant 15 mA
10
constant 1 mA
Table 24.
Register 0x02
Register number
Register definition
MSB
LSB
23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
FM RF AGC threshold @
mixin
0
0 87 dBµV
0
1 89 dBµV
1
0 91 dBµV
1
1 93 dBµV
FM iF AGC threshold @
IFADC in
0
0
120 dBµV
0
1
122 dBµV
1
0
124 dBµV
Tuning DAC enable
0off
1on
Tuning DAC programming(1)
000
00
00
0
0
000
00
00
1
1
…… …… ……… …
…
111
11
11
0
510
111
11
11
1
511
1.
Normally handled by tuner drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com