Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7705TR
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7705TR Datasheet HTML 18Page - STMicroelectronics TDA7705TR Datasheet HTML 19Page - STMicroelectronics TDA7705TR Datasheet HTML 20Page - STMicroelectronics TDA7705TR Datasheet HTML 21Page - STMicroelectronics TDA7705TR Datasheet HTML 22Page - STMicroelectronics TDA7705TR Datasheet HTML 23Page - STMicroelectronics TDA7705TR Datasheet HTML 24Page - STMicroelectronics TDA7705TR Datasheet HTML 25Page - STMicroelectronics TDA7705TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Electrical specifications
TDA7705
22/42
Doc ID 15938 Rev 9
3.4.10
SPI interface
The following parameters apply to the serial bus communication when SPI protocol has
been selected at start-up. For the other electrical characteristics of the pins, Section 3.4.8
applies.
Figure 9.
SPI bus timing diagram
3.4.11
Warning
When the TDA7705 is not powered on, the internal ESD protection diodes pull-down keep
the I2C/SPI lines connected to ground. This implies that the I2C/SPI bus connected to the
TDA7705 may not be used to drive other devices when the TDA7705 is powered off.
Table 16.
SPI interface
Symbol
Parameter
Min
Max
Unit
fSCK
Clock frequency
-
4.0
MHz
tSU
Data setup time
25
-
ns
tH
Data hold time
25
-
ns
tWH
SCK high time
50
-
ns
tWL
SCK low time
50
-
ns
tRI
Input rise time
-
2
µs
tFI
Input fall time
-
2
µs
tV
Output valid from clock low
-
50
ns
tHO
Output hold time
25
-
ns
tDIS
Output disable time
25
ns
tCS
CS high time
25
-
ns
tCSS
CS setup time
25
-
ns
tCSH
CS hold time
25
-
ns
VALID IN
VIH
VIL
tCSS
VIH
VIL
VIH
VIL
VOH
VOL
HI-Z
tSU
tH
tWH
tWL
tV
tCS
tCSH
tHO
tDIS
HI-Z
SPI_SS
SPI_CLK
SPI_MOSI
SPI_MISO
tRI
tFI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com