Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7705TR
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7705TR Datasheet HTML 20Page - STMicroelectronics TDA7705TR Datasheet HTML 21Page - STMicroelectronics TDA7705TR Datasheet HTML 22Page - STMicroelectronics TDA7705TR Datasheet HTML 23Page - STMicroelectronics TDA7705TR Datasheet HTML 24Page - STMicroelectronics TDA7705TR Datasheet HTML 25Page - STMicroelectronics TDA7705TR Datasheet HTML 26Page - STMicroelectronics TDA7705TR Datasheet HTML 27Page - STMicroelectronics TDA7705TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Electrical specifications
TDA7705
24/42
Doc ID 15938 Rev 9
Distortion
Deviation= 75 kHz
-
0.05
-
%
Max deviation
THD=3%
-
140
-
kHz
Adjacent channel selectivity
F=100kHz, SINAD=30dB
desired 40 dBµV, dev=40kHz,
400Hz
undesired. dev=40kHz, 1KHz
-25
-
dB
Alternate channel selectivity
F=200 kHz, SINAD=30 dB
desired 40 dB µV,
dev=40kHz, 400 Hz
undesired. dev=40kHz, 1kHz
-63
-
dB
Max. strong signal interferer
Desired = 10 dBµV
SINAD = 30 dB
Undesired
F = 5 MHz
dev = 40 kHz, 1 kHz
-
94
-
dBµV
Max. strong signal interferer
no preselection (“wide-band”)
application
Desired = 10 dBµV
SINAD = 30 dB
Undesired
F = 5 MHz
dev = 40 kHz, 1 kHz
-
88
-
dBµV
3 signal performance(1)
Desired = 40 dBµV,
dev = 40 kHz, 400 Hz,
SINAD = 30 dB
Undesired1 = ±400 kHz,
dev = 40 kHz, 1 kHz
Undesired2 = ±800 kHz, no
mod
-
103
-
dBµV
Desired = 40 dBµV,
dev = 40 kHz, 400 Hz,
SINAD = 30 dB
Undesired1 = ±1 MHz,
dev=40kHz, 1 kHz
Undesired2=±2MHz, no mod
-
106
-
dBµV
3 signal performance(1)
no preselection (“wide-band”)
application
Desired = 40 dBµV,
dev = 40 kHz, 400 Hz,
SINAD = 30 dB
Undesired1 = ±400 kHz,
dev = 40 kHz, 1 kHz
Undesired2 = ±800 kHz, no
mod
-
103
-
dBµV
Desired = 40 dBµV,
dev=40kHz, 400 Hz,
SINAD=30 dB
Undesired1 =±1 MHz,
dev=40kHz, 1 kHz
Undesired2=±2MHz, no mod
-
104
-
dBµV
AM suppression
m =30 %
-
70
-
dB
Table 17.
FM overall system performance (continued)
Parameter
Test condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com