Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST1235-8FP Datasheet(PDF) 8 Page - STMicroelectronics

Part # ACST1235-8FP
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1235-8FP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ACST1235-8FP Datasheet HTML 4Page - STMicroelectronics ACST1235-8FP Datasheet HTML 5Page - STMicroelectronics ACST1235-8FP Datasheet HTML 6Page - STMicroelectronics ACST1235-8FP Datasheet HTML 7Page - STMicroelectronics ACST1235-8FP Datasheet HTML 8Page - STMicroelectronics ACST1235-8FP Datasheet HTML 9Page - STMicroelectronics ACST1235-8FP Datasheet HTML 10Page - STMicroelectronics ACST1235-8FP Datasheet HTML 11Page - STMicroelectronics ACST1235-8FP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Application information
ACST1235-8FP
8/13
DocID026033 Rev 1
2.2
AC line transient voltage ruggedness
In comparison with standard Triac, which need additional protection components against
surge voltage, the ACST1235-8FP is self-protected against overvoltage, specified by the
new parameter VCL. The ACST1235-8FP switch can safely withstand AC line transient
voltages either by clamping the low energy spikes, such as the inductive spikes at switch-
off, or by switching to the on state (for less than 10 ms) to dissipate higher energy shocks
through the load. This safety feature works even with high turn-on current ramp-up.
The test circuit of Figure 19 represents the ACST1235-8FP application, and is used to
stress the ACST switch according to the IEC 61000-4-5 standard conditions. With the
additional effect of the load which limits the current, the ACST switch withstands the voltage
spikes up to 2 kV on top of the peak line voltage. The protection is based on an overvoltage
crowbar technology. The ACST1235-8FP folds back safely to the on state as shown in
Figure 20
. The ACST1235-8FP recovers its blocking voltage capability after the surge and
the next zero crossing current. Such a non repetitive test can be done at least 10 times on
each AC line voltage polarity.
Figure 19. Overvoltage ruggedness test circuit for resistive and inductive loads for
IEC 61000-4-5 standards
AC mains
Filtering unit
Model of the load
ACST
2 kV surge
R = 11
L = 3 µH V
= 2 kV
Ω,
,
PP
Rg = 62
Ω
Rg
R
L
Rgene



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com