Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST1235-8FP Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACST1235-8FP
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1235-8FP Datasheet(HTML) 5 Page - STMicroelectronics

  ACST1235-8FP Datasheet HTML 1Page - STMicroelectronics ACST1235-8FP Datasheet HTML 2Page - STMicroelectronics ACST1235-8FP Datasheet HTML 3Page - STMicroelectronics ACST1235-8FP Datasheet HTML 4Page - STMicroelectronics ACST1235-8FP Datasheet HTML 5Page - STMicroelectronics ACST1235-8FP Datasheet HTML 6Page - STMicroelectronics ACST1235-8FP Datasheet HTML 7Page - STMicroelectronics ACST1235-8FP Datasheet HTML 8Page - STMicroelectronics ACST1235-8FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID026033 Rev 1
5/13
ACST1235-8FP
Characteristics
13
Figure 12. Relative variation of critical rate of
decrease of main current versus junction
temperature (typical values)
Figure 13. Relative variation of static dV/dt
immunity versus junction temperature
0
1
2
3
4
5
6
7
8
9
10
25
50
75
100
125
150
Tj(°C)
(dI/dt)
C [Tj]/ (dI/dt)c [Tj=150 °C]
0
1
2
3
4
25
50
75
100
125
150
Tj(°C)
dV/dt [T
j ] / dV/dt [T j = 150 °C]
V
D = VR = 536 V
Device exceeding
dV/dt = 5 kV/μs
Figure 14. Relative variation of leakage current
versus junction temperature for different values
of blocking voltage (typical values)
Figure 15. Relative variation of the maximum
clamping voltage versus junction temperature
(minimum values)
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
150
V
DRM=VRRM = 800 V
V
DRM=VRRM = 600 V
V
DRM=VRRM = 400 V
IDRM / IRRM[Tj;VDRM / VRRM] / IDRM / IRRM
Tj (°C)
V [T ] / V [T = 25 °C]
CL
j
CL
j
0.85
0.90
0.95
1.00
1.05
1.10
-50
-25
0
25
50
75
100
125
150
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com