Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST1235-8FP Datasheet(PDF) 2 Page - STMicroelectronics

Part # ACST1235-8FP
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1235-8FP Datasheet(HTML) 2 Page - STMicroelectronics

  ACST1235-8FP Datasheet HTML 1Page - STMicroelectronics ACST1235-8FP Datasheet HTML 2Page - STMicroelectronics ACST1235-8FP Datasheet HTML 3Page - STMicroelectronics ACST1235-8FP Datasheet HTML 4Page - STMicroelectronics ACST1235-8FP Datasheet HTML 5Page - STMicroelectronics ACST1235-8FP Datasheet HTML 6Page - STMicroelectronics ACST1235-8FP Datasheet HTML 7Page - STMicroelectronics ACST1235-8FP Datasheet HTML 8Page - STMicroelectronics ACST1235-8FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Characteristics
ACST1235-8FP
2/13
DocID026033 Rev 1
1
Characteristics
Table 2. Absolute ratings (limiting values)
Symbol
Parameter
Test conditions
Value
Unit
IT(RMS)
On-state rms current (full sine wave)
Tc = 97 °C
12
A
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25 °C)
tp = 16.7 ms
105
A
tp = 20 ms
100
I2tI2t value for fusing (full cycle sine wave)
tp = 10 ms
66
A²s
dI/dt
Critical rate of rise on-state current
IG = 2 x IGT, tr ≤ 100 ns
F = 60Hz
Tj = 150 °C
100
A/µs
VDRM/VRRM Repetitive peak off-state voltage
Tj = 150 °C
800
V
VPP(1)
Non repetitive line peak pulse voltage
Tj = 25 °C
2
kV
(dI/dt)BO(1) Non repetitive critical current rate of rise at breakover Tj = 25 °C
150
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 150 °C
1
A
PGM
Peak gate power
tp = 20 µs
Tj = 150 °C
10
W
PG(AV)
Average gate power dissipation
Tj = 150 °C
0.1
W
Tstg
Storage junction temperature range
-40 to +150
°C
Tj
Operating junction temperature range
-40 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Vins(rms)
Insulation rms voltage (60 seconds)
1.500
V
1. according to test described by standard IEC 61000-4-5 (see Figure 19)
Table 3. Electrical characteristics
Symbol
Test conditions
Quadrant
Tj
Value
Unit
IGT
VD = 12 V, RL = 33 Ω
I - II - III
25 °C
MAX.
35
mA
MIN.
1.75
VGT
VD = 12 V, RL = 33 Ω
I - II - III
25 °C
MAX.
1.0
V
VGD
VD = VDRM, RL = 3.3 kΩ
I - II - III
150 °C
MIN.
0.2
V
IH(1)
IT = 500 mA, gate open
25 °C
MAX.
30
mA
IL
IG = 1.2 x IGT
I - II - III
25 °C
MAX.
40
mA
dV/dt(1)
VD = 67% VDRM/VRRM, gate open
125 °C
MIN.
4000
V/µs
150 °C
MIN.
2000
(dI/dt)c(1)
Without snubber
125 °C
MIN.
12
A/ms
(dI/dt)c = 15 V/µs
150 °C
MIN.
6
VCL
ICL = 0.1 mA, tp = 1 ms
MIN.
850
V
1. For both polarities of OUT pin referenced to COM pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com