Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST1235-8FP Datasheet(PDF) 12 Page - STMicroelectronics

Part # ACST1235-8FP
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1235-8FP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ACST1235-8FP Datasheet HTML 5Page - STMicroelectronics ACST1235-8FP Datasheet HTML 6Page - STMicroelectronics ACST1235-8FP Datasheet HTML 7Page - STMicroelectronics ACST1235-8FP Datasheet HTML 8Page - STMicroelectronics ACST1235-8FP Datasheet HTML 9Page - STMicroelectronics ACST1235-8FP Datasheet HTML 10Page - STMicroelectronics ACST1235-8FP Datasheet HTML 11Page - STMicroelectronics ACST1235-8FP Datasheet HTML 12Page - STMicroelectronics ACST1235-8FP Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
ACST1235-8FP
12/13
DocID026033 Rev 1
4
Ordering information
Figure 22. Ordering information scheme
5
Revision history
Table 7. Ordering information
Order code
Marking
Package
Weight
Base qty
Packing mode
ACST1235-8FP
ACST1235-8
TO-220FPAB
2.0 g
50
Tube
ACS T
FP
12 35 - 8
Series
AC witch
s
Topology
T = Triac
On-state rms current
12
12
=A
Sensitivity
35 = 35 mA
Voltage
880 V
=0
Package
FP = TO-220FPAB
Table 8. Document revision history
Date
Revision
Changes
24-Apr-2014
1
First issue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com