Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST1235-8FP Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACST1235-8FP
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1235-8FP Datasheet(HTML) 3 Page - STMicroelectronics

  ACST1235-8FP Datasheet HTML 1Page - STMicroelectronics ACST1235-8FP Datasheet HTML 2Page - STMicroelectronics ACST1235-8FP Datasheet HTML 3Page - STMicroelectronics ACST1235-8FP Datasheet HTML 4Page - STMicroelectronics ACST1235-8FP Datasheet HTML 5Page - STMicroelectronics ACST1235-8FP Datasheet HTML 6Page - STMicroelectronics ACST1235-8FP Datasheet HTML 7Page - STMicroelectronics ACST1235-8FP Datasheet HTML 8Page - STMicroelectronics ACST1235-8FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID026033 Rev 1
3/13
ACST1235-8FP
Characteristics
13
Table 4. Static characteristics
Symbol
Test conditions
Value
Unit
VTM(1) ITM = 17 A, tp = 380 µs
Tj = 25 °C
MAX.
1.5
V
Vto
(1)
Threshold voltage
Tj = 150 °C
MAX.
0.9
V
Rd
(1)
Dynamic resistance
Tj = 150 °C
MAX.
38
m
Ω
IDRM
IRRM
VOUT = VDRM / VRRM
Tj = 25 °C
MAX.
1µA
Tj = 125 °C
500
µA
Tj = 150 °C
1.2
mA
1. For both polarities of OUT pin referenced to COM pin
Table 5. Thermal characteristics
Symbol
Parameter
Value
Unit
Rth(j-c) Junction to case (AC)
3.5
°C/W
Rth(j-a) Junction to ambient (AC)
60
°C/W
Figure 2. Maximum power dissipation versus
rms on-state current (full cycle)
Figure 3. On-state rms current versus case
temperature (full cycle)
P(W)
0
2
4
6
8
10
12
14
16
02
468
10
12
α = 180 °
180 °
α
α
I
(A)
T(RMS)
IT(RMS)(A)
0
2
4
6
8
10
12
14
0
25
50
75
100
125
150
α = 180 °
T (°C)
C
Figure 4. On-state rms current versus ambient
temperature (free air convection)
Figure 5. Relative variation of thermal
impedance versus pulse duration
IT(RMS)(A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
α = 180 °
Ta(°C)
1.0E-02
1.0E-01
1.0E+00
K = [Zth/Rth]
1.0E-03
1.0E-02
1.0E-01
1.0E+00
Z
Z
th(j
th(j
-
-
c)
a)
1.0E+01
1.0E+02
1.0E+03
t(s)
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com