Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST1235-8FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # ACST1235-8FP
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1235-8FP Datasheet(HTML) 1 Page - STMicroelectronics

  ACST1235-8FP Datasheet HTML 1Page - STMicroelectronics ACST1235-8FP Datasheet HTML 2Page - STMicroelectronics ACST1235-8FP Datasheet HTML 3Page - STMicroelectronics ACST1235-8FP Datasheet HTML 4Page - STMicroelectronics ACST1235-8FP Datasheet HTML 5Page - STMicroelectronics ACST1235-8FP Datasheet HTML 6Page - STMicroelectronics ACST1235-8FP Datasheet HTML 7Page - STMicroelectronics ACST1235-8FP Datasheet HTML 8Page - STMicroelectronics ACST1235-8FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
April 2014
DocID026033 Rev 1
1/13
ACST1235-8FP
Overvoltage protected AC switch
Datasheet
− production data
Features
• 12 A medium current AC Switch
• Triac with self overvoltage protection
• High static immunity and dynamic commutation
• 800 V VDRM / VRRM
• High junction temperature: Tj = 150 °C max
• Complies with UL standards (File ref: E81734)
• TO-220FPAB-insulated package 1500VRMS
• ECOPACK®2 and RoHs compliant component
Applications
Motor control for home appliances:
• Washing machine universal drum motors
• Compressor of fridge or air conditioner
Description
The ACST1235-8FP belongs to the
ACS™ / ACST power switch family built with
A.S.D.® (application specific discrete) technology.
This high performance device is suited to home
appliances or industrial systems and drives loads
up to 12 A.
This ACST1235-8FP switch embeds a Triac
structure and a high voltage clamping device able
to absorb the inductive turn-off energy and
withstand line transients such as those described
in the IEC 61000-4-5 standard. It offers an
extremely high static dV/dt immunity of 2 kV/μs
minimum at 150 °C junction temperature.
ACST1235-8FP enables applications to be
compliant with IEC 61000-4-4 and IEC 61000-4-5.
Figure 1. Functional diagram
TO-220FPAB
(ACST1235-8FP)
G
OUT
COM
Table 1. Device summary
Symbol
Value
VDRM/VRRM
IT(RMS)
12
A
IGT
35
mA
VDRM/VRRM
800
V
G
COM
OUT
www.st.com


Similar Part No. - ACST1235-8FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST1235-7G STMICROELECTRONICS-ACST1235-7G Datasheet
163Kb / 13P
Overvoltage protected AC switch
07-Dec-2010
ACST1235-7G STMICROELECTRONICS-ACST1235-7G Datasheet
163Kb / 13P
Overvoltage protected AC switch
07-Dec-2010
ACST1235-7GTR STMICROELECTRONICS-ACST1235-7GTR Datasheet
163Kb / 13P
Overvoltage protected AC switch
07-Dec-2010
ACST1235-7GTR STMICROELECTRONICS-ACST1235-7GTR Datasheet
163Kb / 13P
Overvoltage protected AC switch
07-Dec-2010
ACST1235-7T STMICROELECTRONICS-ACST1235-7T Datasheet
163Kb / 13P
Overvoltage protected AC switch
07-Dec-2010
More results

Similar Description - ACST1235-8FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST6 STMICROELECTRONICS-ACST6_09 Datasheet
184Kb / 15P
Overvoltage protected AC switch
18-Dec-2009
ACST1010-7FP STMICROELECTRONICS-ACST1010-7FP Datasheet
168Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST1035-7FP STMICROELECTRONICS-ACST1035-7FP Datasheet
153Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST1210-7G STMICROELECTRONICS-ACST1210-7G Datasheet
163Kb / 13P
Overvoltage protected AC switch
07-Dec-2010
ACST210-8FP STMICROELECTRONICS-ACST210-8FP Datasheet
170Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST410-8BTR STMICROELECTRONICS-ACST410-8BTR Datasheet
159Kb / 13P
Overvoltage protected AC switch
18-Dec-2009
ACST4-7SB STMICROELECTRONICS-ACST4-7SB Datasheet
159Kb / 13P
Overvoltage protected AC switch
18-Dec-2009
ACST1010-7T STMICROELECTRONICS-ACST1010-7T Datasheet
168Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST210-8BTR STMICROELECTRONICS-ACST210-8BTR Datasheet
289Kb / 13P
Overvoltage protected AC switch
24-May-2014
ACST310-8FP STMICROELECTRONICS-ACST310-8FP Datasheet
310Kb / 14P
Overvoltage protected AC switch
10-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com