Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST1235-8FP Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACST1235-8FP
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1235-8FP Datasheet(HTML) 4 Page - STMicroelectronics

  ACST1235-8FP Datasheet HTML 1Page - STMicroelectronics ACST1235-8FP Datasheet HTML 2Page - STMicroelectronics ACST1235-8FP Datasheet HTML 3Page - STMicroelectronics ACST1235-8FP Datasheet HTML 4Page - STMicroelectronics ACST1235-8FP Datasheet HTML 5Page - STMicroelectronics ACST1235-8FP Datasheet HTML 6Page - STMicroelectronics ACST1235-8FP Datasheet HTML 7Page - STMicroelectronics ACST1235-8FP Datasheet HTML 8Page - STMicroelectronics ACST1235-8FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
ACST1235-8FP
4/13
DocID026033 Rev 1
Figure 6. On-state characteristics
(maximum values)
Figure 7. Surge peak on-state current versus
number of cycles
I(A)
TM
1
10
100
012
3
4
5
V(V)
TM
T
j max :
V
to = 0.9 V
R
d = 38 m
Ω
T
j = 25 °C
T
j= 150°C
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
150
2.5
IH,IL[Tj] / IH,IL[Tj = 25 °C]
IH,IL[Tj] / IH,IL[Tj = 25 °C]
IH
IL
Tj (°C)
Figure 8. Non repetitive surge peak on-state
current for a sinusoidal pulse with width
tp < 10 ms, and corresponding value of I²t
Figure 9. Relative variation of gate trigger
current and gate trigger voltage versus junction
temperature (typical values)
I
(A), I t (A s)
TSM
2
2
1
10
100
1000
0.01
0.10
1.00
10.00
dI/dt limitation: 100 A/μs
ITSM
I²t
t(ms)
p
Tj initial = 25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
150
IGT,VGT[Tj] / IGT,VGT[Tj = 25 °C]
Tj (°C)
IGT Q3
IGT Q1- Q2
VGT Q1- Q2 - Q3
Figure 10. Relative variation of holding current
and latching current versus junction
temperature (typical values)
Figure 11. Relative variation of critical rate of
decrease of main current (dI/dt)c versus
reapplied (dV/dt)c
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
150
IH
IL
Tj (°C)
2.5
IH,IL[Tj] / IH,IL[Tj = 25 °C]
IH,IL[Tj] / IH,IL[Tj = 25 °C]
0
1
2
3
0.1
1.0
10.0
100.0
(dI/dt)c [ (dV/dt)c ] / Specified (dI/dt)c
T
j =150 °C
(dV/dt)c (V/µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com