Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4502/3 Datasheet(PDF) 2 Page - Texas Instruments

Part # THS4502/3
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4502/3 Datasheet(HTML) 2 Page - Texas Instruments

  THS4502/3 Datasheet HTML 1Page - Texas Instruments THS4502/3 Datasheet HTML 2Page - Texas Instruments THS4502/3 Datasheet HTML 3Page - Texas Instruments THS4502/3 Datasheet HTML 4Page - Texas Instruments THS4502/3 Datasheet HTML 5Page - Texas Instruments THS4502/3 Datasheet HTML 6Page - Texas Instruments THS4502/3 Datasheet HTML 7Page - Texas Instruments THS4502/3 Datasheet HTML 8Page - Texas Instruments THS4502/3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
THS4503−EP
SGLS291A − APRIL 2005 − JANUARY 2012
www.ti.com
2
APPLICATION CIRCUIT DIAGRAM
f − Frequency − MHz
−80
−92
020
40
60
−74
THIRD-ORDER INTERMODULATION
DISTORTION
−62
80
100
−68
−86
−98
12
10
14
16
VS
392 Ω
+
−
−
+
800 Ω
5 V
−5 V
VOUT
392 Ω
402 Ω
56.2 Ω
50 Ω
374 Ω
VOCM
2.5 V
−
+
−
+
VOCM
14 Bit/80 MSps
IN
IN
5 V
Vref
5 V
−5 V
VS
0.1 μF 10 μF
0.1 μF 10 μF
THS4503
392 Ω
10 pF
1 μF
56.2 Ω
ADC
374 Ω
50 Ω
402 Ω
392 Ω
10 pF
24.9 Ω
24.9 Ω
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Supply voltage, VS
16.5 V
Input voltage, VI
±VS
Output current, IO (2)
150 mA
Differential input voltage, VID
4 V
Continuous power dissipation
See Dissipation Rating Table
Maximum junction temperature, TJ (3)
150°C
Maximum junction temperature, continuous
operation, long term reliability TJ (4)
125°C
Maximum junction temperature, to prevent
oscillation TJ (5)
60°C
Operating free-air temperature range, TA
−55°C to 60°C
Storage temperature range, Tstg
−65°C to 150°C
Lead temperature
1,6 mm (1/16 inch) from case for 10 seconds
300°C
HBM
4000 V
ESD ratings:
CDM
2000 V
ESD ratings:
MM
100 V
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
(2) The THS450x may incorporate a PowerPAD on the underside of
the chip. This acts as a heatsink and must be connected to a
thermally dissipative plane for proper power dissipation. Failure
to do so may result in exceeding the maximum junction
temperature which could permanently damage the device. See
Texas Instruments technical brief SLMA002 for more information
about utilizing the PowerPAD thermally enhanced package.
(3) The absolute maximum temperature under any condition is
limited by the constraints of the silicon process.
(4) Long-term high-temperature storage and/or extended use at
maximum recommended operating conditions may result in a
reduction of overall device life. See Figure 1 for additional
information on thermal derating.
(5) See Maximum Die Temperature to Prevent Oscillation section in
the Application Information of this data sheet.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE DISSIPATION RATINGS
PACKAGE
θJC
θJA(1)
PACKAGE
θJC
(°C/W)
θJA()
(°C/W)
DGN (8 pin)
4.7
58.4
(1) This data was taken using the JEDEC standard High-K test PCB.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM MAX UNIT
Supply voltage
Dual supply
±5
±7.5
V
Supply voltage
Single supply
4.5
5
15
V
Operating free-air temperature, TA
−55
60
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com