Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4502/3 Datasheet(PDF) 1 Page - Texas Instruments

Part # THS4502/3
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4502/3 Datasheet(HTML) 1 Page - Texas Instruments

  THS4502/3 Datasheet HTML 1Page - Texas Instruments THS4502/3 Datasheet HTML 2Page - Texas Instruments THS4502/3 Datasheet HTML 3Page - Texas Instruments THS4502/3 Datasheet HTML 4Page - Texas Instruments THS4502/3 Datasheet HTML 5Page - Texas Instruments THS4502/3 Datasheet HTML 6Page - Texas Instruments THS4502/3 Datasheet HTML 7Page - Texas Instruments THS4502/3 Datasheet HTML 8Page - Texas Instruments THS4502/3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
THS4503−EP
SGLS291A − APRIL 2005 − JANUARY 2012
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
DGN−8
FEATURES
D Controlled Baseline
D One Assembly/Test Site, One Fabrication Site
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree(1)
D Fully Differential Architecture
D Bandwidth: 370 MHz
D Slew Rate: 2800 V/μs
D IMD3: −95 dBc at 30 MHz
D OIP3: 51 dBm at 30 MHz
D Output Common-Mode Control
D Wide Power Supply Voltage Range: 5 V, ±5 V,
12 V, 15 V
D Centered Input Common-Mode Range
D Evaluation Module Available
(1) Componentqualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperaturerange. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life.
APPLICATIONS
D High Linearity Analog-to-Digital Converter
Preamplifier
D Wireless Communication Receiver Chains
D Single-Ended to Differential Conversion
D Differential Line Driver
D Active Filtering of Differential Signals
1
2
3
4
8
7
6
5
VIN−
VIN+
VOCM
VS+
VOUT+
NC
VS−
VOUT−
RELATED DEVICES
DEVICE(1)
DESCRIPTION
THS4500/1
370 MHz, 2800 V/μs, VICR Includes VS−
THS4502/3
370 MHz, 2800 V/μs, Centered VICR
THS4120/1
3.3 V, 100 MHz, 43 V/μs, 3.7 nV√Hz
THS4130/1
±15 V, 150 MHz, 51 V/μs, 1.3 nV√Hz
THS4140/1
±15 V, 160 MHz, 450 V/μs, 6.5 nV√Hz
THS4150/1
±15 V, 150 MHz, 650 V/μs, 7.6 nV√Hz
(1) Even numbered devices feature power-down capability
DESCRIPTION
The THS4503 is a high-performance fully differential amplifier from Texas Instruments. The THS4503, without
power-down capability, set new performance standards for fully differential amplifiers with unsurpassed linearity,
supporting 14-bit operation through 40 MHz. Package options include the 8-pin MSOP with PowerPAD™ for a smaller
footprint, enhanced ac performance, and improved thermal dissipation capability.
WARNING:
The THS4503 may have low−level oscillation when the die temperature (also known as the junction
temperature) exceeds 605C. These devices are not recommended for new designs where the die temperature
is expected to exceed 605C. For more information, see Maximum Die Temperature to Oscillation.
PowerPAD is a trademark of Texas Instruments.
UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA
information current as of publication date. Products conform to specifications per
the terms of Texas Instruments standard warranty. Production processing does
not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright © 2005 − 2012, Texas Instruments Incorporated


Similar Part No. - THS4502/3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4502/3 TI2-THS4502/3 Datasheet
1Mb / 51P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
REVISED MAY 2008
More results

Similar Description - THS4502/3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4502 TI-THS4502 Datasheet
609Kb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4505 TI-THS4505 Datasheet
1Mb / 38P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
Wideband, Low-Distortion Fully Differential Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com