Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4502/3 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS4502/3
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4502/3 Datasheet(HTML) 5 Page - Texas Instruments

  THS4502/3 Datasheet HTML 1Page - Texas Instruments THS4502/3 Datasheet HTML 2Page - Texas Instruments THS4502/3 Datasheet HTML 3Page - Texas Instruments THS4502/3 Datasheet HTML 4Page - Texas Instruments THS4502/3 Datasheet HTML 5Page - Texas Instruments THS4502/3 Datasheet HTML 6Page - Texas Instruments THS4502/3 Datasheet HTML 7Page - Texas Instruments THS4502/3 Datasheet HTML 8Page - Texas Instruments THS4502/3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
THS4503−EP
SGLS291A − APRIL 2005 − JANUARY 2012
www.ti.com
5
ELECTRICAL CHARACTERISTICS VS = ±5 V
Rf = Rg = 1 kΩ, RL = 399 Ω, G = +1, Single-ended input unless otherwise noted
PARAMETER
THS4503
TEST CONDITIONS
PARAMETER
MIN/
TYP/
MAX
OVER TEMPERATURE(1)
TYP
TEST CONDITIONS
PARAMETER
MIN/
TYP/
MAX
UNITS
−55°C
TO 60°C
25°C
25°C
TEST CONDITIONS
OUTPUT COMMON-MODE VOLTAGE CONTROL
Small-signal bandwidth
RL = 400 Ω
180
MHz
Typ
Slew rate
2 VPP step
87
V/μs
Typ
Minimum gain
1
0.98
0.98
V/V
Min
Maximum gain
1
1.02
1.02
V/V
Max
Common-mode offset voltage
+2
±7.5
±9.9
mV
Max
Input bias current
VOCM = 2.5 V
100
150
170
μA
Max
Input voltage range
±4
±3.7
±3.4
V
Min
Input impedance
25 || 1
kΩ || pF
Typ
Maximum default voltage
VOCM left floating
0
0.05
0.1
V
Max
Minimum default voltage
VOCM left floating
0
−0.05
−0.1
V
Min
POWER SUPPLY
Specified operating voltage
±5
±7.5
±7.5
V
Max
Maximum quiescent current
23
28
34
mA
Max
Minimum quiescent current
23
16
10
mA
Min
Power supply rejection (±PSRR)
VS+ = 4 V to 5 V, VS− = −5 V to −4 V
80
76
70
dB
Min
(1) See Maximum Die Temperature to Prevent Oscillation section in the Application Information of this data sheet.
ELECTRICAL CHARACTERISTICS VS = 5 V
Rf = Rg = 1 kΩ, RL = 399 Ω, G = +1, Single-ended input unless otherwise noted
THS4503
PARAMETER
TEST CONDITIONS
TYP
OVER TEMPERATURE
MIN /
PARAMETER
TEST CONDITIONS
25°C
25°C
−55°C
TO 60°C
UNITS
MIN /
TYP /
MAX
AC PERFORMANCE
G = +1, PIN = −20 dBm, Rf = 392 Ω
320
Small signal bandwidth
G = +2, PIN = −30 dBm, Rf = 1 kΩ
160
MHz
Typ
Small-signal bandwidth
G = +5, PIN = −30 dBm, Rf = 1.3 kΩ
60
MHz
Typ
G = +10, PIN = −30 dBm, Rf = 1.3 kΩ
30
Gain-bandwidth product
G > +10
300
MHz
Typ
Bandwidth for 0.1-dB flatness
PIN = −20 dBm
180
MHz
Typ
Large-signal bandwidth
VP = 1 V
200
MHz
Typ
Slew rate
2 VPP Step
1300
V/μs
Typ
Rise time
2 VPP Step
0.6
ns
Typ
Fall time
2 VPP Step
0.8
ns
Typ
Settling time to 0.01%
VO = 2 V Step
13.1
ns
Typ
Settling time to 0.1%
VO = 2 V Step
8.3
ns
Typ
Harmonic distortion
VO = 2 VPP
Typ
2nd harmonic
f = 8 MHz,
−81
dBc
Typ
2nd harmonic
f = 30 MHz
−60
dBc
Typ
3rd harmonic
f = 8 MHz
−74
dBc
Typ
3rd harmonic
f = 30 MHz
−62
dBc
Typ
Input voltage noise
f > 1 MHz
6.8
nV/√Hz
Typ
Input current noise
f > 100 kHz
1.6
pA/√Hz
Typ
Overdrive recovery time
Overdrive = 5.5 V
75
ns
Typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com