Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4502/3 Datasheet(PDF) 13 Page - Texas Instruments

Part # THS4502/3
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4502/3 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4502/3 Datasheet HTML 9Page - Texas Instruments THS4502/3 Datasheet HTML 10Page - Texas Instruments THS4502/3 Datasheet HTML 11Page - Texas Instruments THS4502/3 Datasheet HTML 12Page - Texas Instruments THS4502/3 Datasheet HTML 13Page - Texas Instruments THS4502/3 Datasheet HTML 14Page - Texas Instruments THS4502/3 Datasheet HTML 15Page - Texas Instruments THS4502/3 Datasheet HTML 16Page - Texas Instruments THS4502/3 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
THS4503−EP
SGLS291A − APRIL 2005 − JANUARY 2012
www.ti.com
13
TYPICAL CHARACTERISTICS (±5 V Graphs)
Figure 38
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
−40−30−20−10 0 10 203040 5060 708090
0.05
0.06
0.07
0.08
0.09
0.1
0.11
0.12
0.13
0.14
INPUT BIAS AND OFFSET CURRENT
vs
CASE TEMPERATURE
Case Temperature − °C
VS = ±5 V
IIB−
IIB+
IOS
Figure 39
0
5
10
15
20
25
30
35
0 0.5
1 1.5 2 2.5
3 3.5 4 4.5
5
VS − Supply Voltage − ±V
QUIESCENT CURRENT
vs
SUPPLY VOLTAGE
TA = 85°C
TA = 25°C
TA = −40°C
Figure 40
0
0.5
1
1.5
2
2.5
−40 −30−20−10 0 1020304050 60708090
Case Temperature − °C
INPUT OFFSET VOLTAGE
vs
CASE TEMPERATURE
VS = ±5 V
Figure 41
−10
0
10
20
30
40
50
60
70
80
90
100
110
−6
−4
−2
02
4
6
Input Common-Mode Voltage Range − V
COMMON-MODE REJECTION RATIO
vs
INPUT COMMON-MODE RANGE
VS = ±5 V
Figure 42
−150
−100
−50
0
50
100
150
200
−40−30−20−10 0 1020 3040 5060 7080 90
DIFFERENTIAL OUTPUT CURRENT DRIVE
vs
CASE TEMPERATURE
Case Temperature − °C
VS = ±5 V
Source
Sink
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
−3.5 −2.5 −1.5 −0.5
0.5
1.5
2.5
3.5
VOC − Output Common-Mode Voltage − V
HARMONIC DISTORTION
vs
OUTPUT COMMON-MODE VOLTAGE
HD2-SE
HD3-SE and Diff
Single-Ended and Differential
Input to Differential Output
Gain = 1, VO = 2 VPP
f= 8 MHz, Rf = 499 Ω
VS = ±5 V
HD2-Diff
Figure 43
Figure 44
−3
−2
−1
0
1
2
3
1
10
100
1000
SMALL SIGNAL FREQUENCY RESPONSE
AT VOCM
f − Frequency − MHz
Gain = 1
RL = 800 Ω
Rf = 499 Ω
PIN= −20 dBm
VS = ±5 V
Figure 45
−600
−400
−200
0
200
400
600
−5 −4 −3 −2 −10
1
2
3
4
5
VOC − Output Common-Mode Voltage − V
OUTPUT OFFSET VOLTAGE AT VOCM
vs
OUTPUT COMMON-MODE VOLTAGE
Figure 46
−5
0
5
10
15
20
25
30
−5 −4.5 −4 −3.5 −3 −2.5 −2 −1.5 −1 −0.5 0
Power-Down Voltage − V
QUIESCENT CURRENT
vs
POWER-DOWN VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com