Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4502/3 Datasheet(PDF) 29 Page - Texas Instruments

Part # THS4502/3
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4502/3 Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS4502/3 Datasheet HTML 25Page - Texas Instruments THS4502/3 Datasheet HTML 26Page - Texas Instruments THS4502/3 Datasheet HTML 27Page - Texas Instruments THS4502/3 Datasheet HTML 28Page - Texas Instruments THS4502/3 Datasheet HTML 29Page - Texas Instruments THS4502/3 Datasheet HTML 30Page - Texas Instruments THS4502/3 Datasheet HTML 31Page - Texas Instruments THS4502/3 Datasheet HTML 32Page - Texas Instruments THS4502/3 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
THS4503−EP
SGLS291A − APRIL 2005 − JANUARY 2012
www.ti.com
29
PRINTED-CIRCUIT BOARD LAYOUT
TECHNIQUES FOR OPTIMAL
PERFORMANCE
Achieving optimum performance with high frequency
amplifier-like devices in the THS4500 family requires
careful attention to board layout parasitic and external
component types.
Recommendations that optimize performance include:
D Minimize parasitic capacitance to any ac ground for all
of the signal I/O pins. Parasitic capacitance on the
output and input pins can cause instability. To reduce
unwanted capacitance, a window around the signal
I/O pins should be opened in all of the ground and
power planes around those pins. Otherwise, ground
and power planes should be unbroken elsewhere on
the board.
D Minimize the distance (< 0.25”) from the power supply
pins to high frequency 0.1-μF decoupling capacitors.
At the device pins, the ground and power plane layout
should not be in close proximity to the signal I/O pins.
Avoid narrow power and ground traces to minimize
inductance between the pins and the decoupling
capacitors. The power supply connections should
always be decoupled with these capacitors. Larger
(6.8 μF or more) tantalum decoupling capacitors,
effective at lower frequency, should also be used on
the main supply pins. These may be placed somewhat
farther from the device and may be shared among
several devices in the same area of the PC board. The
primary goal is to minimize the impedance seen in the
differential-current return paths.
D Careful selection and placement of external
components
preserve
the
high
frequency
performance of the THS4500 family. Resistors should
be a low reactance type. Surface-mount resistors
work best and allow a tighter overall layout. Metal-film
and carbon composition, axially-leaded resistors can
also provide good high frequency performance.
Again, keep their leads and PC board trace length as
short as possible. Never use wirewound type resistors
in a high frequency application. Since the output pin
and inverting input pins are the most sensitive to
parasitic capacitance, always position the feedback
and series output resistors, if any, as close as possible
to the inverting input pins and output pins. Other
network components, such as input termination
resistors, should be placed close to the gain-setting
resistors. Even with a low parasitic capacitance
shunting the external resistors, excessively high
resistor values can create significant time constants
that can degrade performance. Good axial metal-film
or surface-mount resistors have approximately 0.2 pF
in shunt with the resistor. For resistor values > 2 kΩ,
this parasitic capacitance can add a pole and/or a zero
below 400 MHz that can effect circuit operation. Keep
resistor values as low as possible, consistent with
load driving considerations.
D Connections to other wideband devices on the board
may be made with short direct traces or through
onboard transmission lines. For short connections,
consider the trace and the input to the next device as
a lumped capacitive load. Relatively wide traces
(50 mils to 100 mils) should be used, preferably with
ground and power planes opened up around them.
Estimate the total capacitive load and determine if
isolation resistors on the outputs are necessary. Low
parasitic capacitive loads (< 4 pF) may not need an RS
since the THS4500 family is nominally compensated
to operate with a 2-pF parasitic load. Higher parasitic
capacitive loads without an RS are allowed as the
signal gain increases (increasing the unloaded phase
margin). If a long trace is required, and the 6-dB signal
loss intrinsic to a doubly-terminated transmission line
is acceptable, implement a matched impedance
transmission line using microstrip or stripline
techniques (consult an ECL design handbook for
microstrip and stripline layout techniques).
A 50-Ω environment is normally not necessary
onboard, and in fact, a higher impedance environment
improves distortion as shown in the distortion versus
load plots. With a characteristic board trace
impedance defined based on board material and trace
dimensions, a matching series resistor into the trace
from the output of the THS4500 family is used as well
as a terminating shunt resistor at the input of the
destination device.
Remember also that the terminating impedance is the
parallel combination of the shunt resistor and the input
impedance of the destination device: this total
effective impedance should be set to match the trace
impedance. If the 6-dB attenuation of a doubly
terminated transmission line is unacceptable, a long
trace can be series-terminated at the source end only.
Treat the trace as a capacitive load in this case. This
does not preserve signal integrity as well as a
doubly-terminated line. If the input impedance of the
destination device is low, there is some signal
attenuation due to the voltage divider formed by the
series output into the terminating impedance.
D Socketing a high speed part like the THS4500 family
is not recommended. The additional lead length and
pin-to-pin capacitance introduced by the socket can
create an extremely troublesome parasitic network
which can make it almost impossible to achieve a
smooth, stable frequency response. Best results are
obtained by soldering the THS4500 family parts
directly onto the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com