Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4502/3 Datasheet(PDF) 7 Page - Texas Instruments

Part # THS4502/3
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4502/3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4502/3 Datasheet HTML 3Page - Texas Instruments THS4502/3 Datasheet HTML 4Page - Texas Instruments THS4502/3 Datasheet HTML 5Page - Texas Instruments THS4502/3 Datasheet HTML 6Page - Texas Instruments THS4502/3 Datasheet HTML 7Page - Texas Instruments THS4502/3 Datasheet HTML 8Page - Texas Instruments THS4502/3 Datasheet HTML 9Page - Texas Instruments THS4502/3 Datasheet HTML 10Page - Texas Instruments THS4502/3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
THS4503−EP
SGLS291A − APRIL 2005 − JANUARY 2012
www.ti.com
7
TYPICAL CHARACTERISTICS
Table of Graphs (±5 V)
FIGURE
Small signal unity gain frequency response
1
Small signal frequency response
2
0.1 dB gain flatness frequency response
3
Harmonic distortion (single-ended input to differential output) vs Frequency
4, 6, 12, 14
Harmonic distortion (differential input to differential output) vs Frequency
5, 7, 13, 15
Harmonic distortion (single-ended input to differential output) vs Output voltage swing
8, 10, 16, 18
Harmonic distortion (differential input to differential output) vs Output voltage swing
9, 11, 17, 19
Harmonic distortion (single-ended input to differential output) vs Load resistance
20
Harmonic distortion (differential input to differential output) vs Load resistance
21
Third order intermodulation distortion (single-ended input to differential output) vs Frequency
22
Third order output intercept point vs Frequency
23
Slew rate vs Differential output voltage step
24
Settling time
25, 26
Large-signal transient response
27
Small-signal transient response
28
Overdrive recovery
29, 30
Voltage and current noise vs Frequency
31
Rejection ratios vs Frequency
32
Rejection ratios vs Case temperature
33
Output balance error vs Frequency
34
Open-loop gain and phase vs Frequency
35
Open-loop gain vs Case temperature
36
Input bias and offset current vs Case temperature
37
Quiescent current vs Supply voltage
38
Input offset voltage vs Case temperature
39
Common-mode rejection ratio vs Input common-mode range
40
Differential output current drive vs Case temperature
41
Harmonic distortion (single-ended and differential input to differential output) vs Output common-mode voltage
42
Small signal frequency response at VOCM
43
Output offset voltage at VOCM vs Output common-mode voltage
44
Quiescent current vs Power-down voltage
45
Turnon and turnoff delay times
46
Single-ended output impedance in power down vs Frequency
47
Power-down quiescent current vs Case temperature
48
Power-down quiescent current vs Supply voltage
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com