Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4502/3 Datasheet(PDF) 8 Page - Texas Instruments

Part # THS4502/3
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4502/3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4502/3 Datasheet HTML 4Page - Texas Instruments THS4502/3 Datasheet HTML 5Page - Texas Instruments THS4502/3 Datasheet HTML 6Page - Texas Instruments THS4502/3 Datasheet HTML 7Page - Texas Instruments THS4502/3 Datasheet HTML 8Page - Texas Instruments THS4502/3 Datasheet HTML 9Page - Texas Instruments THS4502/3 Datasheet HTML 10Page - Texas Instruments THS4502/3 Datasheet HTML 11Page - Texas Instruments THS4502/3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
THS4503−EP
SGLS291A − APRIL 2005 − JANUARY 2012
www.ti.com
8
TYPICAL CHARACTERISTICS
Table of Graphs (5 V)
FIGURE
Small signal unity gain frequency response
50
Small signal frequency response
51
0.1 dB gain flatness frequency response
52
Harmonic distortion (single-ended input to differential output) vs Frequency
53, 54, 61, 63
Harmonic distortion (differential input to differential output) vs Frequency
55, 56, 62, 64
Harmonic distortion (single-ended input to differential output) vs Output voltage swing
57, 58, 65, 67
Harmonic distortion (differential input to differential output) vs Output voltage swing
59, 60, 66, 68
Harmonic distortion (single-ended input to differential output) vs Load resistance
69
Harmonic distortion (differential input to differential output) vs Load resistance
70
Slew rate vs Differential output voltage step
71
Large-signal transient response
72
Small-signal transient response
73
Voltage and current noise vs Frequency
74
Rejection ratios vs Frequency
75
Rejection ratios vs Case temperature
76
Output balance error vs Frequency
77
Open-loop gain and phase vs Frequency
78
Open-loop gain vs Case temperature
79
Input bias and offset current vs Case temperature
80
Quiescent current vs Supply voltage
81
Input offset voltage vs Case temperature
82
Common-mode rejection ratio vs Input common-mode range
83
Output drive vs Case temperature
84
Harmonic distortion (single-ended and differential input) vs Output common-mode range
85
Small signal frequency response at VOCM
86
Output offset voltage vs Output common-mode voltage
87
Quiescent current vs Power-down voltage
88
Turnon and turnoff delay times
89
Single-ended output impedance in power down vs Frequency
90
Power-down quiescent current vs Case temperature
91
Power-down quiescent current vs Supply voltage
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com