Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000PHR Datasheet(PDF) 27 Page - STMicroelectronics

Part # LED6000PHR
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000PHR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LED6000PHR Datasheet HTML 23Page - STMicroelectronics LED6000PHR Datasheet HTML 24Page - STMicroelectronics LED6000PHR Datasheet HTML 25Page - STMicroelectronics LED6000PHR Datasheet HTML 26Page - STMicroelectronics LED6000PHR Datasheet HTML 27Page - STMicroelectronics LED6000PHR Datasheet HTML 28Page - STMicroelectronics LED6000PHR Datasheet HTML 29Page - STMicroelectronics LED6000PHR Datasheet HTML 30Page - STMicroelectronics LED6000PHR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
DocID027777 Rev 2
27/49
LED6000
Application notes - step-down conversion
49
Equation 12
In order to guarantee a maximum current ripple in every condition, Equation 12 must be
evaluated in case of maximum input voltage, assuming VOUT fixed.
Increasing the value of the inductance helps to reduce the current ripple but, at the same
time, strongly impacts the converter response time in case of high frequency dimming
requirements. On the other hand, with a lower inductance value the regulator response time
is improved but the power conversion efficiency is impacted and the output capacitor must
be increased to limit the current ripple flowing through the LEDs.
As usually, the L-CO choice is a trade-off among multiple design parameters.
5.3
Compensation strategy
The compensation network must assure stability and good dynamic performance. The loop
of the LED6000 is based on the voltage mode control. The error amplifier is an operational
amplifier with high bandwidth. So, by selecting the compensation network the E/A is
considered as ideal, that is, its bandwidth is much larger than the system one.
Figure 16. Switching regulator control loop simplified model
SW
L
IN
OUT
OUT
F
I
V
V
V
L


1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com