Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000PHR Datasheet(PDF) 28 Page - STMicroelectronics

Part # LED6000PHR
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000PHR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LED6000PHR Datasheet HTML 24Page - STMicroelectronics LED6000PHR Datasheet HTML 25Page - STMicroelectronics LED6000PHR Datasheet HTML 26Page - STMicroelectronics LED6000PHR Datasheet HTML 27Page - STMicroelectronics LED6000PHR Datasheet HTML 28Page - STMicroelectronics LED6000PHR Datasheet HTML 29Page - STMicroelectronics LED6000PHR Datasheet HTML 30Page - STMicroelectronics LED6000PHR Datasheet HTML 31Page - STMicroelectronics LED6000PHR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Application notes - step-down conversion
LED6000
28/49
DocID027777 Rev 2
The transfer function of the PWM modulator, from the error amplifier output (COMP pin) to
the LX pin results in an almost constant gain, due to the voltage feedforward which
generates a sawtooth with amplitude VS directly proportional to the input voltage:
Equation 13
For the LED6000 the feedforward gain is KFF = 1/30.
The synchronization of the device with an external clock provided through the SYNCH pin
can modify the PWM modulator gain (see Section 4.1 on page 11 to understand how this
gain changes and how to keep it constant in spite of the external synchronization).
The transfer function of the power section (i.e.: the voltage across RSNS resulting as
a variation of the duty cycle) is:
Equation 14
given L, RDC, CO, RES, RSNS and Rd the parameters shown in Figure 16.
The power section transfer function can be rewritten as follows:
Equation 15
Equation 16
Equation 17
with the assumption that the inductor parasitic resistance, RDC, and the output capacitor
parasitic resistance, RES, are negligible compared to LED dynamic resistance, Rd.
The closed loop gain is then given by:
Equation 18
IN
FF
S
PW
V
k
V
G
1
1
0
O
ES
O
d
DC
SNS
IN
SNS
SNS
LC
C
s
R
C
s
R
N
R
L
s
R
V
R
s
d
s
V
s
G
1
//
)
(
)
(
)
(
d
SNS
IN
SNS
LC
LC
LC
z
LC
LC
R
N
R
V
R
G
f
s
f
Q
s
f
s
G
s
G


0
2
0
;
2
2
1
2
1
)
(

SNS
d
d
O
LC
d
ES
O
z
R
R
N
R
N
LC
f
R
N
R
C
f
2
1
;
2
1
d
SNS
O
d
d
SNS
O
R
N
R
C
L
R
N
R
N
R
LC
Q
)
(
)
(
)
(
)
(
0
s
G
s
G
s
G
s
G
COMP
PW
LC
LOOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com