Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000PHR Datasheet(PDF) 44 Page - STMicroelectronics

Part # LED6000PHR
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000PHR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button LED6000PHR Datasheet HTML 40Page - STMicroelectronics LED6000PHR Datasheet HTML 41Page - STMicroelectronics LED6000PHR Datasheet HTML 42Page - STMicroelectronics LED6000PHR Datasheet HTML 43Page - STMicroelectronics LED6000PHR Datasheet HTML 44Page - STMicroelectronics LED6000PHR Datasheet HTML 45Page - STMicroelectronics LED6000PHR Datasheet HTML 46Page - STMicroelectronics LED6000PHR Datasheet HTML 47Page - STMicroelectronics LED6000PHR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Application notes - alternative topologies
LED6000
44/49
DocID027777 Rev 2
6.4
Compensation strategy for alternative topologies
The transfer function of the power section for buck-boost and floating-boost topology, driving
N power LEDs with estimated Rd dynamic resistance, can be summarized by Equation 39:
Equation 39
This simplified model is based on the assumption that the output capacitor ESR is negligible
compared to LED dynamic resistance, Rd, and the LED current sensing resistor, RSNS.
Further, the RSNS is assumed negligible compared to the total LED dynamic resistance,
N * Rd.
The closed loop transfer function is still given by Equation 18 on page 28, assuming for the
power section the model summarized in Equation 39.
The singularity
RHPZ, computed at the maximum load and minimum input voltage, is the
limitation in the loop bandwidth design (fBW). Typically the maximum bandwidth is designed
to be lower than:
Equation 40
Table 8. Transfer function singularities
Z
RHPZ
LC
Buck boost
Floating boost
Table 9. Transfer function parameters
QG0
D
Buck boost
Floating boost
2
2
0
1
1
1
)
(
)
(
)
(
LC
LC
RHPZ
Z
SNS
LC
s
Q
s
s
s
G
s
d
s
V
s
G




d
O
R
N
C
1

LED
O
I
D
L
V
D
2
1

O
C
L
D
1
d
O
R
N
C
1

LED
O
I
L
V
D
2
1

O
C
L
D
1

d
O
R
N
D
L
C
 1

d
SNS
SNS
O
R
N
R
R
D
D
V
 1
IN
O
O
V
V
V

d
O
R
N
D
L
C
 1
d
SNS
SNS
O
R
N
R
R
D
V
1
O
IN
V
V
1
2
4
1
RHPZ
BW
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com