Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000PHR Datasheet(PDF) 37 Page - STMicroelectronics

Part # LED6000PHR
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000PHR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LED6000PHR Datasheet HTML 33Page - STMicroelectronics LED6000PHR Datasheet HTML 34Page - STMicroelectronics LED6000PHR Datasheet HTML 35Page - STMicroelectronics LED6000PHR Datasheet HTML 36Page - STMicroelectronics LED6000PHR Datasheet HTML 37Page - STMicroelectronics LED6000PHR Datasheet HTML 38Page - STMicroelectronics LED6000PHR Datasheet HTML 39Page - STMicroelectronics LED6000PHR Datasheet HTML 40Page - STMicroelectronics LED6000PHR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
DocID027777 Rev 2
37/49
LED6000
Application notes - alternative topologies
49
This schematic also includes additional circuitry:
A level shifter network for the proper dimming operation, since the LED6000 local
ground (ICGND) is referred to the negative output voltage given by the voltage drop
across the LEDs and the sensing resistor. This function is implemented by Q1, R15,
R16 and R17. However, due to limited control loop bandwidth, the dimming operation in
buck-boost topology is quite limited in terms of the minimum achievable DIM pulse.
An external overvoltage protection which avoids the IC damage in case of the LED
open row fault. This function is implemented by a Zener diode, D2, R7 and the sensing
resistor, RSNS = R13.
In case the LED string is disconnected the maximum output voltage is given by:
Equation 31
Equation 31, in addition to Equation 27, must be verified in order avoid the LED6000 to be
exposed to electrical stress outside the allowed range (seeTable 2 on page 7 for details).
The series resistor, R7, must be selected in order to limit the maximum current flowing
through the D2, as shown in Equation 32.
Equation 32
The compensation network design strategy for buck-boost topology is described in
Section 6.4 on page 44.
Figure 24. Inverting buck-boost PCB layout (component side)
2
,
D
FB
MAX
OUT
V
V
V
7
2
R
R
V
I
SNS
FB
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com