Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000PHR Datasheet(PDF) 30 Page - STMicroelectronics

Part # LED6000PHR
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000PHR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LED6000PHR Datasheet HTML 26Page - STMicroelectronics LED6000PHR Datasheet HTML 27Page - STMicroelectronics LED6000PHR Datasheet HTML 28Page - STMicroelectronics LED6000PHR Datasheet HTML 29Page - STMicroelectronics LED6000PHR Datasheet HTML 30Page - STMicroelectronics LED6000PHR Datasheet HTML 31Page - STMicroelectronics LED6000PHR Datasheet HTML 32Page - STMicroelectronics LED6000PHR Datasheet HTML 33Page - STMicroelectronics LED6000PHR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Application notes - step-down conversion
LED6000
30/49
DocID027777 Rev 2
parasitic capacitance of the board, the RF required value is computed by Equation 21.
Select CF in order to place FZ1 below FLC (typically 0.1 * FLC)
Select CP in order to place FP1 at 0.5 * FSW
Equation 22
The resultant control loop and other transfer functions gain are shown in Figure 18.
Figure 18. Type II compensation - Bode plot
5.4
Thermal considerations
The thermal design is important to prevent the thermal shutdown of the device if junction
temperature goes above 170 °C (typ.). The three different sources of losses within the
device are:
Conduction losses due to the non-negligible RDSON of the power switch; these are
equal to:
Equation 23
where D is the duty cycle of the application and the maximum RDSON, over the temperature,
is 420 m
. Note that the duty cycle is theoretically given by the ratio between VOUT and
VIN, but actually it is slightly higher in order to compensate the losses of the regulator. So
the conduction losses increase compared with the ideal case.
Switching losses due to power MOSFET turn ON and OFF; these can be calculated as:
SW
F
P
LC
F
F
f
R
C
f
R
C
5
.
0
2
1
;
1
.
0
2
1
2
,
,
OUT
ON
HS
ON
HS
I
D
R
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com