Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000PHR Datasheet(PDF) 41 Page - STMicroelectronics

Part # LED6000PHR
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000PHR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LED6000PHR Datasheet HTML 37Page - STMicroelectronics LED6000PHR Datasheet HTML 38Page - STMicroelectronics LED6000PHR Datasheet HTML 39Page - STMicroelectronics LED6000PHR Datasheet HTML 40Page - STMicroelectronics LED6000PHR Datasheet HTML 41Page - STMicroelectronics LED6000PHR Datasheet HTML 42Page - STMicroelectronics LED6000PHR Datasheet HTML 43Page - STMicroelectronics LED6000PHR Datasheet HTML 44Page - STMicroelectronics LED6000PHR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
DocID027777 Rev 2
41/49
LED6000
Application notes - alternative topologies
49
6.3
Floating boost
The floating-boost topology fits the application with an input voltage range always lower than
the output voltage, VOUT, which is the voltage drop across the LEDs and the sensing
resistor. The floating boost (see Figure 30) requires the same components count as the
buck conversion.
Figure 30. Floating-boost topology
In this topology the output voltage is referred to VIN and not to GND. The device is supplied
by VOUT as a consequence the maximum voltage drop across the LEDs string is 61 V.
In floating-boost topology working in the continuous conduction mode (CCM), the HS MOS
on-time interval, D, is given by:
Equation 35
However, due conduction losses, the real duty cycle is always higher than the ideal one.
The real value should be used in the following formulas.
The peak current flowing in the embedded switch is:
Equation 36
While its average current level is equal to:
Equation 37
This is due to the fact that the current flowing through the internal power switch is delivered
to the output only during the OFF phase.
OUT
IN
OUT
V
V
V
D
SW
IN
OUT
RIPPLE
OUT
SW
f
L
D
V
D
I
I
D
I
I
2
1
2
1
D
I
I
OUT
SW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com