Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000PHR Datasheet(PDF) 45 Page - STMicroelectronics

Part # LED6000PHR
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000PHR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button LED6000PHR Datasheet HTML 41Page - STMicroelectronics LED6000PHR Datasheet HTML 42Page - STMicroelectronics LED6000PHR Datasheet HTML 43Page - STMicroelectronics LED6000PHR Datasheet HTML 44Page - STMicroelectronics LED6000PHR Datasheet HTML 45Page - STMicroelectronics LED6000PHR Datasheet HTML 46Page - STMicroelectronics LED6000PHR Datasheet HTML 47Page - STMicroelectronics LED6000PHR Datasheet HTML 48Page - STMicroelectronics LED6000PHR Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
DocID027777 Rev 2
45/49
LED6000
Application notes - alternative topologies
49
In case
Z and LC are lower than the target bandwidth, a type II compensation network is
necessary for loop stabilization, following the compensation strategy described in
Section 5.3 on page 27.
Otherwise, in case a very low bandwidth design is suitable, a simple type I compensation
network is required. This approach is feasible if the target bandwidth is ¼ of fLC or lower.
Figure 34. Type I compensation network
This kind of compensation network just provides one single low frequency pole, given by:
Equation 41
Starting from Equation 18 on page 28, the control loop gain module at s = 2
* FBW allows
to set fPLF necessary value:
Equation 42
A typical choice for RU usually falls in the range from 1 k to 50 k, in order to provide for
CF a reasonable value (in the range from 1 nF to 100 nF) and to proper bias the overvoltage
protection Zener diode.
U
F
PLF
R
C
f
2
1
1
)
2
(
0
,
BW
PLF
IN
FF
BW
I
LOOP
f
f
V
k
G
f
s
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com