Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC03 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STBC03
Description  Li-Ion linear battery charger with LDO and load switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC03 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STBC03 Datasheet HTML 3Page - STMicroelectronics STBC03 Datasheet HTML 4Page - STMicroelectronics STBC03 Datasheet HTML 5Page - STMicroelectronics STBC03 Datasheet HTML 6Page - STMicroelectronics STBC03 Datasheet HTML 7Page - STMicroelectronics STBC03 Datasheet HTML 8Page - STMicroelectronics STBC03 Datasheet HTML 9Page - STMicroelectronics STBC03 Datasheet HTML 10Page - STMicroelectronics STBC03 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
STBC03
Pin configuration (top through view)
DocID029927 Rev 2
7/34
2
Pin configuration (top through view)
Figure 2: Pin configuration top through view
Table 2: Pin description
Bump
Bump
name
Description
Power
IN
E5-F5
Input supply voltage. Bypass this pin to ground with a 10 µF
capacitor
BAT
A5-B5
Battery positive terminal. Bypass this pin to GND with a 4.7
µF ceramic capacitor
SYS
C5-D5
System output. Bypass this pin to ground with 1 µF ceramic
capacitor
LDO
F4
LDO output. Bypass this pin to ground with 1 µF ceramic
capacitor
NTC
D1
Battery temperature monitor pin
AGND
B4
Analog ground
Connect together with the same
ground layer
GND
A3
GROUND
Programming
ISET
A4
Fast charge current programming resistor
IPRE
D4
Pre-charge current programming resistor
Sensing
BATMS
C4
Battery voltage measurement pin
BATSNS
B3
Battery voltage sensing. Connect as close as possible to the
battery positive terminal
BATSNSFV
A2
Floating voltage sensing. Connect as close as possible to
the battery positive terminal
Digital I/Os
CEN
B1
Charger enable pin. Active high. 500 kΩ internal pull-up (to
LDO)
CHG
E1
Charging/fault flag. Active low (open drain output)
WAKE-UP
D2
Shipping mode exit input pin. Active high. 50 kΩ internal
pull-down
SW_SEL2
C1
Load switch 2 selection input (refer to LDO level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com