Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC03 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STBC03
Description  Li-Ion linear battery charger with LDO and load switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC03 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STBC03 Datasheet HTML 4Page - STMicroelectronics STBC03 Datasheet HTML 5Page - STMicroelectronics STBC03 Datasheet HTML 6Page - STMicroelectronics STBC03 Datasheet HTML 7Page - STMicroelectronics STBC03 Datasheet HTML 8Page - STMicroelectronics STBC03 Datasheet HTML 9Page - STMicroelectronics STBC03 Datasheet HTML 10Page - STMicroelectronics STBC03 Datasheet HTML 11Page - STMicroelectronics STBC03 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Pin configuration (top through view)
STBC03
8/34
DocID029927 Rev 2
Bump
Bump
name
Description
BATMS_EN
C2
Battery monitor enable input (refer to LDO level)
SW_SEL1
B2
Load switch 1 selection input (refer to LDO level)
SD
A1
Shutdown input signal (refer to LDO level). When low, the
STBC03 exits ship mode. It cannot be left floating
Switch matrix
SW1_I
F3
Load switch SPDT1
input (1.8 V to 5 V
range)
If SPDT switches are used,
decoupling capacitors are
recommended on input and
output. Capacitor values depend
on application conditions and
requirements.
If not used, connect inputs and
outputs to GND
SW1_OA
E4
Load switch SPDT1
output A
SW1_OB
E3
Load switch SPDT1
output B
SW2_I
E2
Load switch SPDT2
input (1.8 V to 5 V
range)
SW2_OA
F2
Load switch SPDT2
output A
(enabled/disabled by
SWIRE)
SW2_OB
F1
Load switch SPDT2
output B
(enabled/disabled by
SWIRE)
NC
C3-D3
Not connected
Leave floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com