Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC03 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STBC03
Description  Li-Ion linear battery charger with LDO and load switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC03 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STBC03 Datasheet HTML 16Page - STMicroelectronics STBC03 Datasheet HTML 17Page - STMicroelectronics STBC03 Datasheet HTML 18Page - STMicroelectronics STBC03 Datasheet HTML 19Page - STMicroelectronics STBC03 Datasheet HTML 20Page - STMicroelectronics STBC03 Datasheet HTML 21Page - STMicroelectronics STBC03 Datasheet HTML 22Page - STMicroelectronics STBC03 Datasheet HTML 23Page - STMicroelectronics STBC03 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Functional pin description
STBC03
20/34
DocID029927 Rev 2
6.9
SYS
The internal LDO input voltage and external unregulated supply pin. The maximum current
deliverable through this pin depends on the following two conditions: LDO load and battery
status. However, if none of the above loads sinks current, the maximum SYS current
budget is 650 mA, provided that the input voltage source can deliver that amount of
current.
SYS voltage source can be either IN or BAT, depending on the operating conditions (refer
to the following table). A ceramic bypass capacitor of 1 µF must be connected to GND.
Table 7: SYS voltage source
VIN
VBAT
SYS status
LDO status
< VUVLO
< VODC(1)
Not powered
Off
< VUVLO
> VODC
VBAT(2)
On
> < VUVLO and < VINOVP
X (don’t care)(3)
VIN
On
> VINOVP
< VODC
Not powered
Off
> VINOVP
> VODC
VBAT(2)
On
Notes:
(1)VODCR if the shutdown mode or the over-discharge protection has been previously activated.
(2)Voltage drop over internal MOSFET is not included.
(3)Battery disconnected (0 V) or fully discharged. Resistive short-circuit is not supported for safety reasons.
6.10
LDO
LDO output voltage pin. The maximum current capability is anyhow 150 mA. A 1 µF
ceramic bypass capacitor must be connected to GND.
6.11
WAKE-UP
Wake-up input pin. To restore normal operations of the STBC03, so to exit from a
shutdown condition, connect the WAKE-UP pin to the battery voltage. The STBC03 is
enabled to operate in normal conditions again, only if the battery voltage is higher than
VODCR (3 V). A deglitch delay is implemented to prevent unwanted false operations. The
above-described WAKE-UP pin functionality is disabled when a valid VIN voltage source is
detected. The pin has an internal 50 kΩ pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com