Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC03 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STBC03
Description  Li-Ion linear battery charger with LDO and load switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC03 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STBC03 Datasheet HTML 17Page - STMicroelectronics STBC03 Datasheet HTML 18Page - STMicroelectronics STBC03 Datasheet HTML 19Page - STMicroelectronics STBC03 Datasheet HTML 20Page - STMicroelectronics STBC03 Datasheet HTML 21Page - STMicroelectronics STBC03 Datasheet HTML 22Page - STMicroelectronics STBC03 Datasheet HTML 23Page - STMicroelectronics STBC03 Datasheet HTML 24Page - STMicroelectronics STBC03 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
STBC03
Functional pin description
DocID029927 Rev 2
21/34
6.13
CHG
Active low, open drain charging/fault flag output pin. The CHG provides status information
about VIN voltage level, battery charging and faults by toggling at different frequencies as
reported in the table below.
Table 8: CHG pin state
Device state
CHG pin state
Note
Not valid input (VIN <
VBAT or VIN > VINOVP
or VIN < VINUVLO)
High Z (high by
external pull-up)
In case of synchronous alarm events, the highest toggling
frequency has higher priority.
Example: NTC warning and EOC are concurrent events.
NTC warning, signaled by toggling CHG at 16.2 Hz is the
only signal available till the battery temperature goes back
to a safe range (0 °C to 45 °C). If an EOC condition is still
present then a 4.1 Hz toggling signal is present.
Valid input (VIN
>VINUVLO, VIN <
VINOVP, VBAT < VIN
and CEN low)
Low
End-of-charge
(EOC)
Toggling 4.1 Hz
(until USB is
disconnected)
Charging phase (pre
and fast)
Toggling 6.2 Hz
Overcharge fault
Toggling 8.2 Hz
Charging timeout
(pre-charge, fast
charge)
Toggling 10.2 Hz
Battery voltage
below VPRE after the
fast charge starts
Toggling 12.8 Hz
Charging thermal
limitation (thermal
warning)
Toggling 14.2 Hz
Battery temperature
fault (NTC warning)
Toggling 16.2 Hz
6.14
CEN
Internal CC/CV charger block enable pin. A low logic level on this pin disables the internal
CC/CV charger block. Transitioning CEN from high to low and then back to high, allows the
CC/CV charger block to be restarted if it was stopped due to one of the following
conditions:
Charging timeout (pre-charge, fast charge)
Battery voltage below VPRE after the fast charge has already started
End-of-charge
CEN has no effect if the charging cycle has been stopped by a battery overcharge
condition.
If the CC/CV charger stops the charging cycle due to an out of range battery temperature,
a low logic level on the CEN pin disables the CC/CV charger and resets the charging
timeout timers. If CEN is set high, the CC/CV charger restarts normal operations, assuming
that no fault condition is detected. CEN is internally pulled up to LDO via a 500 kΩ resistor
and must be either left floating or tied to LDO when the STBC03 is powered for the first
time. Should the auto-recharge function be enabled, the CC/CV charger restarts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com