Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC03 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STBC03
Description  Li-Ion linear battery charger with LDO and load switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC03 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STBC03 Datasheet HTML 15Page - STMicroelectronics STBC03 Datasheet HTML 16Page - STMicroelectronics STBC03 Datasheet HTML 17Page - STMicroelectronics STBC03 Datasheet HTML 18Page - STMicroelectronics STBC03 Datasheet HTML 19Page - STMicroelectronics STBC03 Datasheet HTML 20Page - STMicroelectronics STBC03 Datasheet HTML 21Page - STMicroelectronics STBC03 Datasheet HTML 22Page - STMicroelectronics STBC03 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
STBC03
Functional pin description
DocID029927 Rev 2
19/34
6.5
BATSNS, BATSNSFV
Battery voltage sense pin. The BATSNS pin must be connected as close as possible to the
battery positive terminal to ensure the maximum accuracy on the floating voltage and on
the battery voltage protection thresholds. The BATSNSFV pin can be used to fix the VFLOAT
value by connecting a proper external series resistor to BATSNSFV. The battery floating
voltage can be set up to 4.45 V according to the following equation:
Equation 2:
������������������������������������ = ������������������������������������ ∗ (1 +
������������������������
1����Ω
) ���� = 4.2 ∗ (1 +
������������������������
1����Ω
) ����
Example: to set the battery floating voltage for 4.35 V, refer to the following equation.
Equation 3:
���������������� = 1����Ω ∗ (
������������������������������������
4.2����
− 1) = 1����Ω ∗ (
4.35����
4.2����
− 1) = 35.7����Ω
If the BATSNSFV pin is connected to the battery positive terminal, the floating voltage is
set for its 4.2 V default value.
6.6
BAT
External battery connection pin (positive terminal). A 4.7 µF ceramic bypass capacitor must
be connected to GND.
6.7
IN
5 V input supply voltage pin. The STBC03 is powered off from this pin when a valid voltage
source is detected, meaning a voltage higher than VUVLO and lower than VINOVP. A 10 µF
ceramic bypass capacitor must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com