Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC03 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STBC03
Description  Li-Ion linear battery charger with LDO and load switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC03 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STBC03 Datasheet HTML 14Page - STMicroelectronics STBC03 Datasheet HTML 15Page - STMicroelectronics STBC03 Datasheet HTML 16Page - STMicroelectronics STBC03 Datasheet HTML 17Page - STMicroelectronics STBC03 Datasheet HTML 18Page - STMicroelectronics STBC03 Datasheet HTML 19Page - STMicroelectronics STBC03 Datasheet HTML 20Page - STMicroelectronics STBC03 Datasheet HTML 21Page - STMicroelectronics STBC03 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Functional pin description
STBC03
18/34
DocID029927 Rev 2
6
Functional pin description
6.1
GND, AGND
The STBC03 ground pins.
6.2
NTC
The battery temperature monitoring pin. Connect the battery NTC thermistor to this pin.
The charging cycle stops when the battery temperature is outside of the safe temperature
range (0 °C to 45 °C). When the charging cycle is completed, the NTC pin goes to a high
impedance state, therefore the NTC thermistor can be also used, together with an external
circuitry, to monitor the battery temperature while it is being discharged. If the NTC
thermistor is not used, a 10 kΩ resistor must be connected to ensure proper IC operations.
6.3
ISET and IPRE
Fast and pre-charge current programming pins. Connect two resistors (RISET, RIPRE) to
ground to set the fast and pre-charge current (IFAST, IPRE) according to the following
equation (valid for IFAST, IPRE > 5 mA):
Equation 1:
���������������� =
��������������������
��������������������
∗ ����; �������������������� =
��������������������
��������������������
∗ ����
Where VISET = VIPRE = 1 V and K = 200. Fast charge and pre-charge currents can be
independently set from 1 mA to 650 mA. End-of-charge current value is typically 5% of the
fast charging current value being set.
For low charging current (IFAST, IPRE < 5 mA), the RISET and RIPRE values in the following
table must be used.
Table 6: Charging current setting
IFAST, IPRE
RISET, RIPRE
5 mA
40.5 k
2 mA
110 k
1 mA
260 k
Both RISET and RIPRE must be always used. Short-circuit to ground or open circuit are not
allowed options.
6.4
BATMS, BATMS_EN
Battery voltage measurement. If BATMS_EN is high, the BATMS pin is internally shorted to
the BATSNS pin during normal conditions to monitor the battery voltage using external
components (µC and embedded ADC). The internal path from BATMS pin to the battery is
opened in case any of the following conditions occur: overcurrent, battery over-discharge,
shutdown mode, short-circuit on SYS or LDO. To minimize overall system power
consumption, this function must be disabled. BATMS_EN pin should be pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com