Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC03 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STBC03
Description  Li-Ion linear battery charger with LDO and load switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC03 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STBC03 Datasheet HTML 24Page - STMicroelectronics STBC03 Datasheet HTML 25Page - STMicroelectronics STBC03 Datasheet HTML 26Page - STMicroelectronics STBC03 Datasheet HTML 27Page - STMicroelectronics STBC03 Datasheet HTML 28Page - STMicroelectronics STBC03 Datasheet HTML 29Page - STMicroelectronics STBC03 Datasheet HTML 30Page - STMicroelectronics STBC03 Datasheet HTML 31Page - STMicroelectronics STBC03 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Operation description
STBC03
28/34
DocID029927 Rev 2
8.3
Battery temperature monitoring
The STBC03 integrates all the needed blocks to monitor the battery temperature through
an external NTC resistor. The battery temperature monitoring is enabled only during the
battery charging process, in order to save power when the system is supplied from the
battery.
When the battery temperature is outside the normal operating range (0-45 °C), the
charging process is halted, an alarm signal is activated (the CHG pin toggles at 16.2 Hz)
but the charging timeout timers are not stopped.
If the temperature goes back to the normal operating range, before the maximum charging
time has elapsed, the charging process is resumed and the alarm signal is cleared.
In case of the charging timeout expires and the temperature is still outside the normal
operating range, the charging process is stopped but it can be still restarted using the CEN
pin.
Both temperature thresholds feature a 3 °C hysteresis. The battery temperature monitoring
block is designed to work with an NTC thermistor having R25
= 10 kΩ and ß = 3370
(Mitsubishi TH05-3H103F). If an NTC thermistor is not used, 1
0 kΩ resistor must be
connected to ensure the proper IC operation.
8.4
Battery overcharge protection
The battery overcharge protection is a safety feature, active when a valid input voltage is
connected, preventing the battery voltage from exceeding a VOCHG value. Should an
overcharge condition be detected, the current path from the input to the battery is opened
and a fault signal is activated (the CHG pin toggles at 8.2 Hz). When the battery voltage
goes below VOCHG, normal operations can only be restarted by disconnecting and
connecting back again the input voltage (VIN).
8.5
Battery over-discharge protection
The battery over-discharge protection is a safety feature enabled only when no valid input
voltage source (VUVLO < VIN < VINOVP) is detected. Therefore, when the STBC03 and the
system are powered off from the battery, an over-discharge of the battery itself is avoided.
Should the battery voltage level be below VODC for more than tODD (over-discharge state),
the STBC03 turns off and current sunk from the battery is reduced to less than 50 nA.
When a valid input voltage source is detected, while the battery is in an over-discharge
state, the STBC03 charger, SYS and LDO outputs are enabled. This condition persists until
the battery voltage has exceeded the over-discharge released threshold (VODCR), otherwise
any other disconnection of a valid input voltage source brings back the STBC03 to a
battery over-discharge state.
8.6
Battery discharge overcurrent protection
When the STBC03 is powered off from the battery connected to the BAT pin, a discharge
overcurrent protection circuit disables the STBC03 if the current sunk from the battery is in
excess of IBATOCP (900 mA typical) for more than tDOD.
The presence of a valid input voltage source or triggering the WAKE-UP input pin, allows
normal operating conditions to be restored.
8.7
Battery fault protection
The STBC03 features a battery fault protection. The STBC03 charger is stopped if the
battery voltage remains below 1 V for at least 16 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com