Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA01 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SEA01
Description  Constant voltage and current controller with online digital trimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA01 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SEA01 Datasheet HTML 3Page - STMicroelectronics SEA01 Datasheet HTML 4Page - STMicroelectronics SEA01 Datasheet HTML 5Page - STMicroelectronics SEA01 Datasheet HTML 6Page - STMicroelectronics SEA01 Datasheet HTML 7Page - STMicroelectronics SEA01 Datasheet HTML 8Page - STMicroelectronics SEA01 Datasheet HTML 9Page - STMicroelectronics SEA01 Datasheet HTML 10Page - STMicroelectronics SEA01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID024452 Rev 1
7/24
SEA01
Application information
2
Application information
2.1
Constant voltage and current control and with online digital
trimming
Figure 3. Typical application schematic
The online digital trimming allows the user to adjust the VrefV and VrefI internal references in
order to have the highest accuracy of voltage and current of the application (SMPS requiring
an accurate current limitation or regulation and/or very accurate voltage regulation).
This new way of trimming allows the user to have the highest accuracy simply using
software without the use of external discrete components or manual intervention.
The parameters of the IC that the user can trim are VrefV and VrefI.
VrefV is the parameter typically relevant to the voltage regulation and it has to be trimmed as
the first step after measuring the output voltage of the application.
VrefI is typically the parameter relevant to the current regulation and it has to be trimmed to
adjust the value of the measured current to the target current.
The relation between the controlled current and the controlled output voltage can be
described as a square as shown in the following V/I output-power graph (with the power
supply of the device independent from the output voltage).
R1
R2
Vo
Vrefv
--------------
1
–
⎝⎠
⎛⎞
⋅
=
Rsense
VrefI
Iomax
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com