Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA01 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SEA01
Description  Constant voltage and current controller with online digital trimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA01 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SEA01 Datasheet HTML 14Page - STMicroelectronics SEA01 Datasheet HTML 15Page - STMicroelectronics SEA01 Datasheet HTML 16Page - STMicroelectronics SEA01 Datasheet HTML 17Page - STMicroelectronics SEA01 Datasheet HTML 18Page - STMicroelectronics SEA01 Datasheet HTML 19Page - STMicroelectronics SEA01 Datasheet HTML 20Page - STMicroelectronics SEA01 Datasheet HTML 21Page - STMicroelectronics SEA01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Online digital trimming procedure
SEA01
18/24
DocID024452 Rev 1
If the search for the best value of VrefV and VrefI is done with a Vcc value lower than 19 V,
the user has to pay attention that, during the step-up of Vcc before the burning of the NVM,
a negative ringing on Vcc will cause a drop below the UVLO of the IC.
The user can eventually decide to perform the search for the best value of VrefV and VrefI,
storing these values in an external memory (ATE, industrial PC, etc.), then increasing Vcc to
19 V and waiting to have a stable Vcc level. The user can then resend the selected value of
VrefV and VrefI stored in the external memory before sending the burn NVM command.
Both values written in the VrefV & VrefI register (volatile memory) are permanently stored in
the NVM (OTP) in a single step.
It is possible to burn the NVM by sending the burn command (write) given in Table 5
followed by a data byte with the same code as a burn command.
It is important to provide a zapping time of at least 45 msec and to have Vcc of the IC equal
to 19 V with a current capability of 90 mA, in order to ensure correct blowing of the anti-fuse
cells. After the stop (P) the device doesn't acknowledge any I2C communication for about
45 ms in order to perform the burning of the NVM.
To protect the NVM memory from an incorrect write, if the parity fail flag was activated, i.e.
an error occurred during the trimming process, the burn command is not executed.
The NVM is written only if it was never written or written one time. If the NVM is written a
second time, the previous content is lost.
Please note that after a Write NVM command the Status Register is not automatically
updated. It must be updated by turning off and on again the IC or by sending a Reload NVM
command to the device. Once the update is performed, the number of times the IC has been
burned can be read from the status register.
Byte 1
(address, write type)
Byte 2:
command
Byte 3
(address, read type)
x
Sent by slave (device)
x
x
Sent by master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com