Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA01 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SEA01
Description  Constant voltage and current controller with online digital trimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA01 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SEA01 Datasheet HTML 9Page - STMicroelectronics SEA01 Datasheet HTML 10Page - STMicroelectronics SEA01 Datasheet HTML 11Page - STMicroelectronics SEA01 Datasheet HTML 12Page - STMicroelectronics SEA01 Datasheet HTML 13Page - STMicroelectronics SEA01 Datasheet HTML 14Page - STMicroelectronics SEA01 Datasheet HTML 15Page - STMicroelectronics SEA01 Datasheet HTML 16Page - STMicroelectronics SEA01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DocID024452 Rev 1
13/24
SEA01
Online digital trimming procedure
If the parity check fails (command or data), the command is not executed (VrefV register
doesn’t change) and the internal parity fail flag is activated. If the parity fail flag was
activated from the previous communication, the command is not executed even if the parity
check is ok. To reset the parity fail flag the user has to perform a read command.
If the parity check is ok, VrefV is changed according to the content in the VrefV register
resulting in a direct change from the old to the new value.
0
0
01
01
1
1
2.2
2.555
0
0
01
10
0
0
2.4
2.560
0
0
01
10
1
1
2.6
2.565
0
0
01
11
0
1
2.8
2.570
0
0
01
11
1
0
3
2.575
0
0
10
00
0
1
-0
2.500
0
0
10
00
1
0
-0.2
2.495
0
0
10
01
0
0
-0.4
2.490
0
0
10
01
1
1
-0.6
2.485
0
0
10
10
0
0
-0.8
2.480
0
0
10
10
1
1
-1
2.475
0
0
10
11
0
1
-1.2
2.470
0
0
10
11
1
0
-1.4
2.465
0
0
11
00
0
0
-1.6
2.460
0
0
11
00
1
1
-1.8
2.455
0
0
11
01
0
1
-2
2.450
0
0
11
01
1
0
-2.2
2.445
0
0
11
10
0
1
-2.4
2.440
0
0
11
10
1
0
-2.6
2.435
0
0
11
11
0
0
-2.8
2.430
0
0
11
11
1
1
-3
2.425
1. The device is initialized with the default value of 0000000 (i.e. the 0% trim value for VrefV). If the device has already been
burned once, the default value is the one stored in the first OTP memory.
2. The 0% trim value was assumed 2.5 V as an example, but this value can be in the range [2.48 V, 2.52 V]. The trimming
range is proportional to the trimming value [-3% , + 3%] with a trimming step of 0.2% referenced to the 0% trim value.
Table 6. VrefV values (continued)
Data bits
Trim step [%]
VrefV value [V]
0
0
00
00
0
Default(1)
MSB
LSB
D1
D2
D3
D4
D5
D6
D7
D8 (pck)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com