Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA01 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SEA01
Description  Constant voltage and current controller with online digital trimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA01 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SEA01 Datasheet HTML 5Page - STMicroelectronics SEA01 Datasheet HTML 6Page - STMicroelectronics SEA01 Datasheet HTML 7Page - STMicroelectronics SEA01 Datasheet HTML 8Page - STMicroelectronics SEA01 Datasheet HTML 9Page - STMicroelectronics SEA01 Datasheet HTML 10Page - STMicroelectronics SEA01 Datasheet HTML 11Page - STMicroelectronics SEA01 Datasheet HTML 12Page - STMicroelectronics SEA01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DocID024452 Rev 1
9/24
SEA01
Online digital trimming procedure
3
Online digital trimming procedure
3.1
General features
The embedded digital trimming allows the user to adjust and permanently store using
software, both the VrefV and VrefI internal references during the production test of the end-
product, compensating the tolerance of the external components and the error due to their
discretized values.
The device provides a non-volatile memory (NVM) based on a redundant OTP (two OTP,
one-time-programmable memories) and a volatile memory.
The volatile memory is used to adjust the value of both VrefV and VrefI internal references.
Once the optimal values have been found, the user can permanently store them in the OTP
memory.
The presence of a second OTP allows the user to perform a second trimming of the device.
It is possible to perform a new search of the optimal values of VrefV and VrefI and
permanently store these values in the second OTP.
At device power-on the values of VrefV and VrefI depend on the OTP status:
–
if the IC non-volatile memory has never been burned (i.e. no value has ever been
permanently stored in OTP memories) VrefV and VrefI are initialized at the default
values (see Table 6 and Table 7)
–
if the IC non-volatile memory has been burned a first time (i.e. values stored in the
first OTP) VrefV and VrefI are the values selected and stored by the user during
the first trimming process
–
if the IC non-volatile memory has been burned a second time (i.e.values stored in
the second OTP) VrefV and VrefI are the values selected and stored by the user
during the second trimming process
The device is provided with an I2C slave-only interface that requires only two pins for the
communication: DATA and CLOCK. The I2C interface allows the user to access the device
in a simple way, using the I2C-bus, also assuring robust data communication integrity thanks
to an additional parity check control.
Two wires, serial data and serial clock, carry information between the devices connected to
the I2C bus. SEA01 can operate only as an I2C-slave, i.e. it needs to be addressed by a
master (a microcontroller, industrial PC, ATE, etc.) that initiates a data transfer on the bus
and generates the clock signal to permit that transfer. Generation of clock signals on the
I2C-bus is always the responsibility of the master. SEA01 can operate as either a receiver or
transmitter (transmitter-slave) depending on the command received from the master. The
serial data and serial clock are bidirectional lines connected to a positive supply voltage
through a pull-up resistor: SEA01 has an internal pull-up on the DATA and CLOCK pins in
order to pull HIGH the pins when they are floating, but the user has to implement an
adequate pull-up of the lines using external pull-up resistors. When the bus is free, both
lines are HIGH. The data on the serial data line must be stable during the HIGH period of
the clock. The HIGH or LOW state of the data line can only change when the clock signal on
the serial clock line is LOW.
Within the procedure of the I2C-bus, unique situations arise which are defined as START (S)
and STOP (P) conditions. A HIGH-to-LOW transition on the serial data line while the serial
clock is HIGH is one such unique case. This situation indicates a START condition. A LOW-
to-HIGH transition on the serial data line while the serial clock line is HIGH defines a STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com