Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA01 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SEA01
Description  Constant voltage and current controller with online digital trimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA01 Datasheet(HTML) 5 Page - STMicroelectronics

  SEA01 Datasheet HTML 1Page - STMicroelectronics SEA01 Datasheet HTML 2Page - STMicroelectronics SEA01 Datasheet HTML 3Page - STMicroelectronics SEA01 Datasheet HTML 4Page - STMicroelectronics SEA01 Datasheet HTML 5Page - STMicroelectronics SEA01 Datasheet HTML 6Page - STMicroelectronics SEA01 Datasheet HTML 7Page - STMicroelectronics SEA01 Datasheet HTML 8Page - STMicroelectronics SEA01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DocID024452 Rev 1
5/24
SEA01
Absolute maximum ratings
5Vcc
Supply voltage of the device. A small bypass capacitor (0.1 µF typ.) to GND,
located as close to the IC’s pins as possible, might be useful to get a clean
supply voltage.
6OUT1
Open-drain output of the internal op-amp, whose non-inverting input is
connected to VrefV. The pin, able to sink current only, is typically connected to
the branch of the optocoupler’s photodiode to transmit the error signal to the
primary side for voltage control loop.
7OUT2
Open-drain output of the internal op-amp, whose non-inverting input is
connected to VrefI. The pin, able to sink current only, is typically connected to
the branch of the optocoupler’s photodiode to transmit the error signal to the
primary side for current control loop.
8Data
Data logic input/output for I2C serial communication protocol.
This pin will be externally pulled up to 3.6 V max
A small internal pull-up is present to prevent false signal detection (the pin is
floating during normal operation).
Table 4. Electrical characteristics
(Tj = 25 °C,Vcc = 12 V; unless otherwise specified )
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Device supply
Vcc
Voltage operating range
3.5
36
V
Icc
Quiescent current
200
µA
(1)
300
Vcc = 20 V (1)
400
Voltage control loop op-amp
Gmv
Transconductance (sink
current only) (2)
19
S
(1)
6
VrefV
Voltage reference default
value(3) (0% trimming)
2.48
2.5
2.52
V
(1)
2.455
2.545
Ibias
Inverting input bias current
50
nA
(1)
100
Current control loop
Gmi
Transconductance(4)
(sink current only)
22
S
(1)
19
VrefI
Current loop reference (5)
@ I(Iout) = 1 mA
27
30
33
mV
(1)
25
35
Ibias
Non-inverting input source
current
10
µA
(1)
20
Table 3. Pin functions (continued)
N.
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com