Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA01 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SEA01
Description  Constant voltage and current controller with online digital trimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA01 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SEA01 Datasheet HTML 7Page - STMicroelectronics SEA01 Datasheet HTML 8Page - STMicroelectronics SEA01 Datasheet HTML 9Page - STMicroelectronics SEA01 Datasheet HTML 10Page - STMicroelectronics SEA01 Datasheet HTML 11Page - STMicroelectronics SEA01 Datasheet HTML 12Page - STMicroelectronics SEA01 Datasheet HTML 13Page - STMicroelectronics SEA01 Datasheet HTML 14Page - STMicroelectronics SEA01 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DocID024452 Rev 1
11/24
SEA01
Online digital trimming procedure
3.3
Device commands
The commands are implemented with a one-byte word including a bit for parity check (LSB).
C8 = parity check bit.
The parity check has the following structure.
C8 = C1
⊕ C2 ⊕ C3 ⊕ C4 ⊕ C5 ⊕ C6 ⊕ C7.
The possible commands are summarized in Table 5. If the device receives a command not
specified in Table 5 or in case of failure of parity check, no command is executed and a fail
flag is internally activated.
C8 = parity check bit data.
The data are implemented with a one-byte word including a bit for parity check (LSB).
D8 = parity check bit.
The parity check has the following structure.
D8 = D1
⊕ D2 ⊕ D3 ⊕ D4 ⊕ D5 ⊕ D6 ⊕ D7.
If the parity bit check is not correct, the data is not acquired, and the value on VrefV or VrefI
(depending on the command) will be not updated. An internal parity fail flag is activated and
it is not possible to execute any command before a read command.
3.4
Emulation commands
It is possible to change both VrefV and VrefI values by writing to the volatile memory (VrefV
and VrefI register) before deciding to permanently store the values in the device.
Changing VrefV and VrefI is done independently.
MSB
LSB
C1
C2
C3
C4
C5
C6
C7
C8
Table 5. Command mapping
Command code
C1
C2
C3
C4
C5
C6
C7
C8
Emulate/read VrefV
10
01000
0
Emulate/read VrefI
10
00011
1
Write NVM
0
1
0
1010
1
Reload NVM
0
0
1
0
0
0
0
1
MSB
LSB
D1
D2
D3
D4
D5
D6
D7
D8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com