Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA01 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SEA01
Description  Constant voltage and current controller with online digital trimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA01 Datasheet(HTML) 4 Page - STMicroelectronics

  SEA01 Datasheet HTML 1Page - STMicroelectronics SEA01 Datasheet HTML 2Page - STMicroelectronics SEA01 Datasheet HTML 3Page - STMicroelectronics SEA01 Datasheet HTML 4Page - STMicroelectronics SEA01 Datasheet HTML 5Page - STMicroelectronics SEA01 Datasheet HTML 6Page - STMicroelectronics SEA01 Datasheet HTML 7Page - STMicroelectronics SEA01 Datasheet HTML 8Page - STMicroelectronics SEA01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Absolute maximum ratings
SEA01
4/24
DocID024452 Rev 1
1
Absolute maximum ratings
Note:
Please note that, during steady state operation, the maximum power that the device can
dissipate is limited by thermal constraints. For this reason is not possible to sink the
maximum current in OUT1 and OUT2 while their voltages are close to their AMR. The
junction operating temperature, which can be calculated as Tamb + Rth j-amb • Pdiss, must
always be lower than 150 °C. Pdiss is the total dissipated power in the device and it can be
calculated with the formula Pdiss = Vcc • Icc + IOUT1 • VOUT1 + IOUT2 • VOUT2.
Table 1. Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
Vcc
5
Dc supply voltage
-0.3 to 38
V
Vout1-2
6, 7
Open-drain voltage
-0.3 to Vcc
V
Isense
3
Analog input
-0.3 to Vcc
V
Iout1-2
6, 7
Max sink current
20 (*)
mA
Vctrl
2
Analog input
-0.3 to Vcc
V
Data
8
Digital input/output
-0.3 to Vcc
V
Clock
1
Digital input
-0.3 to Vcc
V
Table 2. Thermal data
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance, junction-to-ambient
150 (SO8)
°C/W
Tjop
Junction temperature operating range
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
Table 3. Pin functions
N.
Name
Function
1Clock
Clock logic input for I2C serial communication protocol.
This pin will be externally pulled up to 3.6 V max.
A small internal pull-up is present to prevent false signal detection (the pin is
floating during normal operation).
2Vctrl
Inverting input of the op-amp connected to VrefV. The pin is typically tied to the
midpoint of a resistor divider that senses the output voltage.
3Isense
Inverting input of the op-amp connected to VrefI. The pin will be typically tied to
the positive end of the current sense resistor through a decoupling resistor.
4GND
Ground. Return of the bias current of the device. 0 V reference for all voltages.
The pin should be tied as close to the ground output terminal of the converter as
possible to minimize load current effect on the voltage regulation setpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com