Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL40C30H3LL Datasheet(PDF) 9 Page - STMicroelectronics

Part # STL40C30H3LL
Description  N-channel 30 V, 0.019 Ω typ., 10 A, P-channel 30 V, 0.024 Ω typ.,8 A STripFET™ VI Power MOSFET in a PowerFLAT 5x6 d. i. package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40C30H3LL Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STL40C30H3LL Datasheet HTML 5Page - STMicroelectronics STL40C30H3LL Datasheet HTML 6Page - STMicroelectronics STL40C30H3LL Datasheet HTML 7Page - STMicroelectronics STL40C30H3LL Datasheet HTML 8Page - STMicroelectronics STL40C30H3LL Datasheet HTML 9Page - STMicroelectronics STL40C30H3LL Datasheet HTML 10Page - STMicroelectronics STL40C30H3LL Datasheet HTML 11Page - STMicroelectronics STL40C30H3LL Datasheet HTML 12Page - STMicroelectronics STL40C30H3LL Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DocID023874 Rev 5
9/19
STL40C30H3LL
Electrical characteristics
19
Figure 19. Capacitance variations
Figure 20. Normalized gate threshold voltage vs
temperature
Figure 21. Normalized on-resistance vs
temperature
Figure 22. Normalized V(BR)DSS vs temperature
Figure 23. Source-drain diode forward
characteristics
C
600
400
200
0
0
10
VDS(V)
(pF)
5
15
Ciss
Coss
Crss
20
25
800
1000
1200
1400
1600
AM17935v1
VGS(th)
1
0.8
0.6
0.4
-50
0
TJ(°C)
(norm)
-25
1.2
75
25 50
100
ID=250µA
-75
125 150
AM17936v1
1.2
RDS(on)
TJ(°C)
(norm)
-50
0
-25
75
25 50
100
-75
125 150
1
0.8
0.6
0.4
1.6
1.4
AM17943v1
ID=4A
V(BR)DSS
TJ(°C)
(norm)
0.94
0.96
0.98
1
1.02
1.04
1.06
ID=1mA
1.08
-50
0
-25
75
25 50
100
-75
125 150
AM17938v1
VSD
0
4
ISD(A)
(V)
2
6
0.5
0.6
0.7
TJ=-55°C
TJ=175°C
TJ=25°C
0.8
0.9
1
AM17944v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com